Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2948B Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2948B
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2948B Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2948B Datasheet HTML 8Page - RF Micro Devices RF2948B Datasheet HTML 9Page - RF Micro Devices RF2948B Datasheet HTML 10Page - RF Micro Devices RF2948B Datasheet HTML 11Page - RF Micro Devices RF2948B Datasheet HTML 12Page - RF Micro Devices RF2948B Datasheet HTML 13Page - RF Micro Devices RF2948B Datasheet HTML 14Page - RF Micro Devices RF2948B Datasheet HTML 15Page - RF Micro Devices RF2948B Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
11-250
RF2948B
Rev A6 040930
RX
IL = 1-3 dB
2.4 to 2.483 GHz
Gain
Select
RF2494
SSOP-16 EPP
Filter
2.4 to 2.483 GHz
SAW
IL = 10 dB max
RX
TX
Filter
Filter
Selectable LPF
TX
Σ
IL = 1-3 dB
2.4 to 2.483 GHz
10 dBm
PA Driver
RF2948B
Base Band Amp.
Active Selectable LPF
(f
C = 1 MHz to 40 MHz)
RF Micro Devices
2.4 GHz ISM Chipset
TX VGC
IF
VCO
RF
VCO
Dual
Frequency
Synthesizer
T/R
Switch
RF2189
LNA
Dual Gain Modes
IF Amp
x 2
+45°
-45°
RX VGC
OUT Q
OUT I
I INPUT
Q INPUT
Figure 1. Entire Chipset Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com