Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2948B Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2948B
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2948B Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2948B Datasheet HTML 9Page - RF Micro Devices RF2948B Datasheet HTML 10Page - RF Micro Devices RF2948B Datasheet HTML 11Page - RF Micro Devices RF2948B Datasheet HTML 12Page - RF Micro Devices RF2948B Datasheet HTML 13Page - RF Micro Devices RF2948B Datasheet HTML 14Page - RF Micro Devices RF2948B Datasheet HTML 15Page - RF Micro Devices RF2948B Datasheet HTML 16Page - RF Micro Devices RF2948B Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11-251
RF2948B
Rev A6 040930
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
17
18
19
20
21
22
23
24
PD
RX/TX EN
R44
23.7k, 1%
R49
10
C73
100 pF
C72
10 nF
VCC
C77
100 pF
R1
51
J1
X/TX IF IN
C76
100 pF
R10*
0
R61
220
R56
130
R9
0
R62
51
R11*
0
J6
IF OUT
C74
10 nF
VCC
TX VGC
RX VGC
C65
10 nF
C68
100 pF
R43
10
VCC
R42
10 k
C58
22 nF
C57
22 nF
VREF1 BUF
J2
Q OUT
J3
I OUT
C52
10 nF
VCC
J4
TXQ DATA
C47
1 nF
J5
TXI DATA
C69
10 nF
50
Ω µstrip
J11
IF LO
R32
47
R28*
270 k
VCC
C70
100 pF
R27
10
VCC
C95
22 pF
50
Ω µstrip
J10
PA OUT
C40
22 pF
50
Ω µstrip
R7
0
R8*
0
50
Ω µstrip
J9
PA IN
IN
OUT
GND
R5
0
50
Ω µstrip
R6*
0
J7
RF OUT
C60
10 nF
VCC
C40
22 pF
50
Ω µstrip
R45
47
J8
RF LO
L16
3.9 nH
R48
10
C48
1 nF
C91
5 pF
L14
33 nH
R54
10
VCC
C43
1 nF
C90
5 pF
R39
2.2 k
L15
27 nH
C50
3 pF
C44
12 pF
GND
FL2
374 MHz
L12
33 nH
VCC
C54
22 pF
P1
1
2
3
CON3
P1-2
VCC
GND
C24
10 nF
P1-3
C82
100 pF
TX VGC
P2
1
2
3
4
CON4
P2-2
RX/TX EN
GND
C12
10 nF
P2-3
C20
10 nF
PD
P2-4
C19
100 pF
RX VGC
CON2
P3
1
2
GND
P3-1
VREF1 BUF
*Configured for RX Demod and
TX Cascaded Evaluation
Changes
N/A
R56 to 0
Evaluate
TX Mod Out
TX Upconverter
Populate
R11
R10
Unpopulate
R62
R9, R61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com