Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SC-2
Description  SC Class G, 600Vac/480Vac, 1??-60A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SC-2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SC-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. SC-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. SC-2 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 1024
Effective December 2015
Supersedes August 2013
BUSSMANN
SERIES
SC Class G, 600Vac/480Vac, 1⁄2-60A
size-rejecting fuses
Catalog symbol:
•
SC-(amp)
Description:
Basic protection Class G size-rejecting, current
limiting fuses. 1/2 to 6A Fast-acting, 7 to 60A
time-delay. Time-delay – 12 seconds (minimum)
at 200% of rated current.
Specifications:
Ratings
•
Volts
•
600Vac/170Vdc (½-20A)
•
480Vac/300Vdc (25-60A)
•
Amps 1/2-60A
•
IR
•
100kA Vac RMS Sym.
•
10kA Vdc
Agency information
•
UL® Listed, Std. 248-5, Class G,
Guide JDDZ, File E4273
•
CSA® Certified, C22.2 No. 248.5,
Class 1422-01, File 53787
•
CE
•
RoHS compliant
Catalog numbers (amps)
SC-1⁄2
SC-6
SC-30
SC-1
SC-7
SC-35
SC-1-1⁄2
SC-8
SC-40
SC-2
SC-10
SC-45
SC-2-1⁄2
SC-12
SC-50
SC-3
SC-15
SC-60
SC-4
SC-20
SC-5
SC-25
Carton quantity:
Amp rating
Carton qty.
1/2-20
4
25–60
2
Dimensions - in (mm):
Amp rating
A
1/2-15
1.31 (33.3)
20
1.41 (35.8)
25 to 30
1.62 (41.1)
35 to 60
2.25 (57.1)
Features:
•
Meets basic protection requirements of
NEC®, Canadian Electrical Code (CEC), UL
and CSA.
•
Most economical overcurrent protection
solution compared to circuit breakers.
•
For use in various non-demanding, general
purpose applications.
•
Compact branch-circuit units with high
interrupting rating and current-limitation.
•
With up to a 600V rating, they can be used in
120/208V, 120/240V, and 277/480V circuits.
•
Size rejection by length helps prevent
overfusing.
•
Fuses 7 amps and above have a degree of
overload time-delay that permits them to
pass temporary overloads.
A
(Length)
0.41”
(10.41mm)


Similar Part No. - SC-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SC-2 RIEDON-SC-2 Datasheet
270Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
SC-2 RIEDON-SC-2 Datasheet
170Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
logo
Eaton All Rights Reserv...
SC-2 EATON-SC-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
SC-2-1/2 EATON-SC-2-1/2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
SC-20 EATON-SC-20 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
More results

Similar Description - SC-2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
SC-15 COOPER-SC-15 Datasheet
208Kb / 3P
SC - 600Vac/480Vac, 1.2-60A Size Rejecting Fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
LPJ-1SP EATON-LPJ-1SP Datasheet
841Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
SC-1-2 EATON-SC-1-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Schneider Electric
QMB262TW SCHNEIDER-QMB262TW Datasheet
98Kb / 2P
60A-60A 6 Inch 2P 600VAC/250VDC Fusible Switch
QMJ362T SCHNEIDER-QMJ362T Datasheet
101Kb / 2P
60A-60A 6 Inch 3P 600VAC Fusible Switch
Apr 6, 2020
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com