Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88331 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 59Page - NXP Semiconductors PCF88331 Datasheet HTML 60Page - NXP Semiconductors PCF88331 Datasheet HTML 61Page - NXP Semiconductors PCF88331 Datasheet HTML 62Page - NXP Semiconductors PCF88331 Datasheet HTML 63Page - NXP Semiconductors PCF88331 Datasheet HTML 64Page - NXP Semiconductors PCF88331 Datasheet HTML 65Page - NXP Semiconductors PCF88331 Datasheet HTML 66Page - NXP Semiconductors PCF88331 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
2003 Feb 14
63
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
7.2.2
RAM ACCESS ARBITER
The function of the arbiter is to handle the data flow. If a
write access is done on the RAM and a read access is
requested at the same time, then the arbiter will ensure
that there are no data collisions. Writing data to the RAM
has priority. Therefore no handshaking is done at the
interface side and the data can be applied to the interface
without having data read/write errors on the RAM.
7.2.3
WR ADDRESS COUNTER
The address counter sets the addresses of the display
data RAM for writing.
Data is written pixel wise into the RAM of the PCF8833.
The data for one pixel is collected (RGB 4:4:4 bit) before
it is written into the display data RAM. The RAM locations
are addressed by the address pointers. The address
ranges are X = 0 to X = 131 (83H) and Y = 0 to
Y = 131 (83H). Addresses outside of these ranges are not
allowed.
Before writing to the RAM a window must be defined into
which data will be written. The window is programmable
via the command registers xs and ys (designating the start
address) and xe and ye (designating the end address).
For example, if the whole display content is written, the
window will be defined by the following values: xs = 0 (0H),
ys = 0 (0H), xe = 131 (83H) and ys = 131 (83H).
In the vertical addressing mode (V = 1), the Y address
increments after each pixel. After the last Y address
(Y = ye), Y wraps around to ys and X increments to
address the next column. In horizontal addressing mode
(V = 0), the X address increments after each pixel. After
the last X address (X = xe), X wraps around to xs and
Y increments to address the next row. After the very last
address (X = xe and Y = ye) the address pointers wrap
around to address (X = xs and Y = ys).
For flexibility in handling a wide variety of display
architectures, the command ‘Memory Data Access
Control (MADCTL)’ (see Section 6.2.27) defines flags
MX and MY, which allows mirroring of the X and
Y addresses. All combinations of flags are allowed.
Figures 34, 35 and 36 show the possible combinations of
writing to the display RAM. When MX, MY and V is
changed, the data must be re-written to the display RAM.
7.2.4
DISPLAY ADDRESS COUNTER
The display address counter generates the addresses for
readout of the display data RAM.
handbook, halfpage
MGU943
ys
ye
xe
xs
131
0
X address
0
131
handbook, halfpage
MGU944
ys
ye
xe
xs
131
0
X address
0
131
Fig.34 Sequence of writing data bytes into RAM showing function of V bit.
V = 0; MX = 0 and MY = 0.
V = 1; MX = 0 and MY = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com