Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF88331 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 87Page - NXP Semiconductors PCF88331 Datasheet HTML 88Page - NXP Semiconductors PCF88331 Datasheet HTML 89Page - NXP Semiconductors PCF88331 Datasheet HTML 90Page - NXP Semiconductors PCF88331 Datasheet HTML 91Page - NXP Semiconductors PCF88331 Datasheet HTML 92Page - NXP Semiconductors PCF88331 Datasheet HTML 93Page - NXP Semiconductors PCF88331 Datasheet HTML 94Page - NXP Semiconductors PCF88331 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Notes
1. X = don’t care. For hexadecimal representation, don’t care bits are assumed to be logic 0.
2. The chip stays in shift operation as long as D/C is logic 1.
3. When VCBW = 1 the VC buffer is switched to a weak buffer. Default is VCBW = 0, where the VC buffer is powerful. To save power a capacitor could
be connected to VC pad. Depending on the application it might be advantageous or even necessary to program VCBW = 1.
12
wait for 50 ms until OTP cells are
programmed
13
0
1
111000
0
F0
disable programming
1
X
X
0
0
1
X
0
1
09
ORA = 001; OPE = 0; CALMM = 1
14
repeat steps 10 to 13 for rows 2 to 6
15
0
1
111000
0
F0
exit CALMM mode
1
X
X
0
0
0
X
0
0
00
ORA = 000; OPE = 0; CALMM = 0
16
set VOTP(gate) =0V; VOTP(drain) =0V
STEP
D/C
COMMAND BYTE(1)
ADDR
DESCRIPTION
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com