Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTN-R-175 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KTN-R-175
Description  Limitron짰 fast-acting, RK1 ??250 volt fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTN-R-175 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KTN-R-175 Datasheet HTML 1Page - Cooper Bussmann, Inc. KTN-R-175 Datasheet HTML 2Page - Cooper Bussmann, Inc. KTN-R-175 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Limitron® fast-acting, RK1 – 250 volt fuses
Catalog symbol - KTN-R-(amps)
Description:
Advanced protection Class RK1 current-limiting,
fast-acting fuses.
Specifications:
Ratings
•   
Volts:
• 
250 Vac
• 
250 Vdc (70-350 A)
•   
Amps - 1-600 A
•   
Interrupting rating:
• 
200 kA Vac RMS Sym.
• 
100 kA Vdc
Agency Information
• 
UL® Listed, Std. 248-12, Guide JDDZ,
File E54273
• 
CSA® Certified, Class 1422-02, File 53787
• 
CE
Features:
• 
Provides 10X better current limitation to help
prevent equipment damage caused by
short-circuit events
• 
200 kA interrupting rating complies with
NEC® Section 110.9 for today’s large capacity
systems
• 
Fast-acting fuse helps prevent equipment
damage caused by short-circuit events
• 
Incorporates Class R rejection feature. Can
be inserted in non-rejection type fuse holders
to physically and electrically replace Class H,
K1, K5, and other fast-acting fuses
• 
Ideal for critical industrial or commercial
applications that have specific current
limitation requirements
Dimensions - in:
450 A to 600 A
10.38"
110 A to 200 A
7.13"
225 A to 400 A
8.63"
70 A to 100 A
5.88"
1/10 A to 30 A
0.56"
2"
35 A to 60 A
0.81"
3"
1.06"
1.56"
2.06"
2.59"
Catalog numbers
KTN-R-1
KTN-R-30
KTN-R-125
KTN-R-2
KTN-R-35
KTN-R-150
KTN-R-3
KTN-R-40
KTN-R-175
KTN-R-4
KTN-R-45
KTN-R-200
KTN-R-5
KTN-R-50
KTN-R-225
KTN-R-6
KTN-R-60
KTN-R-250
KTN-R-8
KTN-R-70
KTN-R-300
KTN-R-10
KTN-R-75
KTN-R-350
KTN-R-12
KTN-R-80
KTN-R-400
KTN-R-15
KTN-R-90
KTN-R-450
KTN-R-20
KTN-R-100
KTN-R-500
KTN-R-25
KTN-R-110
KTN-R-600
Technical Data 1043
Effective May 2016
Supersedes October 2002
BUSSMANN
SERIES


Similar Part No. - KTN-R-175

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222 KEC-KTN2222 Datasheet
411Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR
KTN2222A KEC-KTN2222A Datasheet
471Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTN2222A KEC-KTN2222A Datasheet
411Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR
KTN2222A KEC-KTN2222A Datasheet
379Kb / 5P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTN-R-175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
KTK-1-10 COOPER-KTK-1-10 Datasheet
54Kb / 1P
LIMITRON짰 Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
List of Unclassifed Man...
KTK-25 ETC2-KTK-25 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTK-2-10 COOPER-KTK-2-10 Datasheet
54Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
Limitron짰 Quick-Acting Fuses Class J ??600 Volt
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com