Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTN-R-175 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KTN-R-175
Description  Limitron짰 fast-acting, RK1 ??250 volt fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTN-R-175 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KTN-R-175 Datasheet HTML 1Page - Cooper Bussmann, Inc. KTN-R-175 Datasheet HTML 2Page - Cooper Bussmann, Inc. KTN-R-175 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 1043
Effective May 2016
Eaton.com/bussmannseries
Carton quantity and weight (250 vac)*
Amps
Carton
qty.
1–30
10
40–60
10
70–100
5
110–200
1
225–400
1
450–600
1
*Contact Eaton’s Bussmann Division for DC ratings.
Limitron® fast-acting fuses 250 volt
Fuse amps
1-pole
2-pole
3-pole
0-30
HM25030-1
HM25030-2
HM25030-3
RM25030-1
RM25030-2
RM25030-3
35-60
HM25060-1
HM25060-2
HM25060-3
RM25060-1
RM25060-2
RM25060-3
70-100
RM25100-1CR
RM25100-2CR
RM25100-3CR
110-200
RM25200-1CR
RM25200-1CR
RM25200-1CR
225-400
RM25400-1CR
RM25400-1CR
RM25400-1CR
450-600
RM25600-1CR
RM25600-1CR
RM25600-1CR
For additional information on 250 volt blocks, see data sheet
No. 10289 (RM250) and (HM250) and product brochure
No. 3192 (RM style).
Recommended fuse blocks
Equipment
fuse clips
Desired fuse
(case) size
Catalog symbol
(pairs)
60 A
30 A
NO.263-R
100 A
30 A
NO.213-R
60 A
NO.216-R
200 A
60 A
NO.226-R
100 A
NO.2621-R
400 A
100 A
NO.2641-R
200 A
NO.242-R
600 A
100 A
NO.2661-R
200 A
NO.2662-R
400 A
NO.2664-R
† Single reducer only (pair not required).
For additional information on Class R fuse reducers, see data
sheet No. 1118.
Fuse reducers for Class R fuses - 250 V
300
100
10
1
0.1
0.01
Amp
rating
RMS symmetrical current in amps
Time-current curves — average melt



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com