Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-70 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRN-R-70
Description  Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRN-R-70 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRN-R-70 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRN-R-70 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRN-R-70 Datasheet HTML 3Page - Cooper Bussmann, Inc. FRN-R-70 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data1010
Effective February 2016
Supersedes July 2013
Fusetron™ FRN-R Class RK5 250Vac, 125/250Vdc
70-600A, dual element, time-delay fuses
Catalog symbols:
• FRN-R-_
Description:
Eaton Bussmann® series advanced protection,
energy efficient FRN-R Class RK5 dual element,
current-limiting, time-delay fuses. Time-delay – 10
seconds (minimum) at 500% of rated current.
Specifications:
Ratings
• Volts
• 250Vac
• 125Vdc (110-200A)
• 250Vdc (225-600A)
• Amps 70-600A
• Interrupting rating
• 200kA Vac RMS Sym.
• 20kA Vdc
Agency information
• UL Listed, Std. 248-12, Class RK5,
Guide JDDZ, File E4273
• CSA Certified, C22.2 No. 248.12,
Class 1422-02, File 53787
• CE
Catalog numbers (amps)
FRN-R-70
FRN-R-125
FRN-R-350
FRN-R-75
FRN-R-150
FRN-R-400
FRN-R-80
FRN-R-175
FRN-R-450
FRN-R-85
FRN-R-200
FRN-R-500
FRN-R-90
FRN-R-225
FRN-R-600
FRN-R-100
FRN-R-250
FRN-R-110
FRN-R-300
Carton Quantity:
Amp rating
Carton qty.
70 – 100
5
110 – 600
1
Features:
• Provides motor overload, ground fault and
short-circuit protection
• Helps protect motors against burnout from
overloads and single-phasing when sized
properly
• Simplifies and improves blackout prevention
(selective coordination)
• Dual-element fuses can be applied in circuits
subject to temporary motor overloads and surge
currents to provide both high performance
short-circuit and overload protection
• The overload element provides protection
against low level overcurrent of overloads and
will hold on inrush current which is five times
greater than the amp rating of the fuse for a
minimum of ten seconds


Similar Part No. - FRN-R-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results

Similar Description - FRN-R-70

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ECSR40 COOPER-ECSR40 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com