Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-2/10 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # FRN-R-2/10
Description  Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRN-R-2/10 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  FRN-R-2/10 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 3Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 4Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 5Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data 1019
Effective February 2016
FRN-R Class RK5 250Vac/125Vdc
1⁄10-60A, dual element, time-delay fuses
Eaton.com/bussmannseries
Current-limiting effects:
Prosp. S.C.C.
Let-through current
(apparent RMS Sym. vs. fuse rating)
—
30A
60A
5000
1000
2000
10,000
2000
3000
15,000
2000
3000
20,000
2000
4000
25,000
2000
4000
30,000
2000
4000
35,000
2000
4000
40,000
2000
5000
50,000
3000
5000
60,000
3000
5000
70,000
3000
6000
80,000
3000
6000
90,000
3000
6000
100,000
3000
6000
150,000
4000
7000
200,000
4000
8000
400000
9000
8000
7000
6000
300000
200000
100000
5000
4000
90000
3000
2000
1000
80000
70000
60000
B
A
50000
40000
30000
20000
10000
30A
60A
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)
Current-limitation curves:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com