Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-2/10 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # FRN-R-2/10
Description  Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRN-R-2/10 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  FRN-R-2/10 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 3Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 4Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 5Page - Cooper Bussmann, Inc. FRN-R-2/10 Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FRN-R Class RK5 250Vac/125Vdc
1⁄10-60A, dual element, time-delay fuses
Technical Data 1019
Effective February 2016
Eaton, Bussmann and Fusetron are valuable
trademarks of Eaton in the U.S. and other
countries. You are not permitted to use
the Eaton trademarks without prior written
consent of Eaton.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 1019 — BU-SB13730
February 2016
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document
are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help
the end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or
limit distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin.
Once a product has been selected, it should be tested by the user in all possible applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com