Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JJS-70 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # JJS-70
Description  JJS ??600Vac, 1-800A, Fast-Acting Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

JJS-70 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  JJS-70 Datasheet HTML 1Page - Cooper Bussmann, Inc. JJS-70 Datasheet HTML 2Page - Cooper Bussmann, Inc. JJS-70 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0615
BU-SB13737
Page 2 of 3
Data Sheet # 1029
LIMITRON™ 600V Class T
Time-Current Curves - Average Melt
AMP RATING
300
100
10
1
0.1
0.01
CURRENT IN AMPS
JJS — 600Vac, 1-800A, Fast-Acting Fuses



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com