Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JJS-70 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # JJS-70
Description  JJS ??600Vac, 1-800A, Fast-Acting Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

JJS-70 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  JJS-70 Datasheet HTML 1Page - Cooper Bussmann, Inc. JJS-70 Datasheet HTML 2Page - Cooper Bussmann, Inc. JJS-70 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0615
BU-SB13737
Page 3 of 3
Data Sheet # 1029
LIMITRON™ 600V Class T
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended
to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product
has been selected, it should be tested by the user in all possible applications.
Custom Designs
Printed circuit board versions available up to 60 amps.
Consult factory for details.
UL Component Recognized, Guide JFHR2, File E56412.
Dimensions - in
Current-Limitation Curves
47.88
(1.885)
19.05 ± 0.76
(0.750 ± 0.03)
20.19 ± 0.76
(0.795 ± .03)
12.70
(0.500)
8.23
(0.324)
5.08
(0.200)MIN.
1.562"
1.432" (± 0.03)
0.806"
0.150"
(+ 0.02 – 0.0)
0.806"
(± 0.02)
JJS — 600Vac, 1-800A, Fast-Acting Fuses
800
100,000
80,000
60,000
40,000
30,000
20,000
10,000
8000
6000
4000
3000
2000
1000
600
400
300
200
200,000
400,000
300,000
600
400
200
100
60
30
800
15
B
A
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)
JJS-(1-30)V
JJS-(35-60)V
Current-Limiting Effects
Prosp.
Let-Through Current
S.C.C.
(Apparent RMS Symmetrical Vs. Fuse Rating)
—
15A
30A
60A
100A
200A
400A
600A
800A
500 1000 1000
1000
1000
1000
1000
1000
1000
1000 1000 1000
1000
1000
1000
1000
1000
1000
5000 1000 1000
1000
2000
3000
4000
5000
5000
10,000 1000 1000
1000
2000
3000
6000
8000
9000
15,000 1000 1000
2000
3000
4000
7000
10,000 11,000
20,000 1000 1000
2000
3000
4000
7000
10,000 12,000
25,000 1000 1000
2000
3000
5000
7000
11,000 13,000
30,000 1000 1000
2000
3000
5000
8000
12,000 14,000
35,000 1000 1000
2000
3000
5000
9000
13,000 15,000
40,000 1000 2000
2000
4000
5000
9000
13,000 15,000
50,000 1000 2000
2000
4000
6000 10000
14,000 17,000
60,000 1000 2000
3000
4000
6000 10000
16,000 18,000
70,000 1000 2000
3000
4000
7000 11000
17,000 19,000
80,000 1000 2000
3000
4000
7000 11000
17,000 20,000
90,000 1000 2000
3000
4000
7000 12000
18,000 21,000
100,000 2000 2000
3000
5000
7000 12,000
19,000 22,000
150,000 2000 3000
4000
6000
8000 14,000
22,000 25,000
200,000 2000 3000
4000
6000
9000 16,000
24,000 28,000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com