Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-1 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # FRS-R-1
Description  Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-1 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  FRS-R-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-1 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Technical Data1017
Effective May 2016
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Eaton, Bussmann and Fusetron are
valuable trademarks of Eaton in the US
and other countries. You are not permitted
to use the Eaton trademarks without prior
written consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 1017 – BU-MC16054
May 2016
The only controlled copy of this Data Sheet is the electronic read-only version located on the Eaton Network Drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
Fusetron™ 600 V Class RK5 FRS-R — 600 Vac/
300 Vdc, 1⁄10-60 A, dual element, time-delay fuses
Current-limitation curves
400000
9000
8000
7000
6000
300000
200000
100000
5000
4000
90000
3000
2000
1000
80000
70000
60000
B
A
50000
40000
30000
20000
10000
30A
60A
RMS Stmmetrical current in amps
A-B = asymmetrical available peak (2.3 x sym RMS amps)
Current-limiting effects
Prosp.
S.C.C.
Let-through current
(apparent RMS symmetrical vs. fuse rating)
—
30A
60A
5000
1000
1000
10,000
1000
2000
15,000
1000
2000
20,000
2000
2000
25,000
2000
2000
30,000
2000
3000
35,000
2000
3000
40,000
2000
3000
50,000
2000
3000
60,000
2000
3000
70,000
3000
4000
80,000
3000
4000
90,000
3000
4000
100,000
3000
4000
150,000
3000
5000
200,000
4000
6000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com