Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRS-R-1
Description  Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRS-R-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-1 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fusetron™ 600 V Class RK5, FRS-R — 600 Vac/300 Vdc,
1/10-60 A, dual element, time-delay fuses
Catalog symbol:
•
FRS-R-(amp) (non-indicating)
•
FRS-R-(amp)ID (indicating)
Description:
•
Advanced protection, energy efficient
Class RK5 dual element, current-limiting,
time-delay fuses with optional open fuse
indication on select ratings
•
Time-delay – 10 second (minimum) at 500%
of rated current
Specifications:
Ratings
•
Volts
•
600 Vac, 300 Vdc (1/10-30 A)
•
600 Vac, 250 Vdc (35-60 A)
•
Amps — 1/10-60 A
•
Interrupting rating
•
200 kA Vac RMS Sym
•
20 kA Vdc
Agency information:
•
CE, UL® Listed, Std. 248-12, Class RK5, Guide
JDDZ, File E4273
•
CSA® Certified, C22.2 No. 248.12, Class
1422-02, File 53787
•
CE
Features:
•
Dual-element feature provides the best
time-delay performance, allowing closer
sizing and superior protection of motors and
transformers
•
Closer sizing allows for smaller fuses and
less costly switches
•
Class RK5 fuses with a 200 kA interrupting
rating for use in a broad range of
applications
•
Provides motor overload, ground fault, and
short-circuit protection
•
Helps protect motors against burnout from
overloads and single-phasing when sized
properly
•
Dual-element fuses can be applied in circuits
subject to temporary motor overloads
and surge currents to provide both high
performance short-circuit and overload
protection
•
Offers a 10-second time delay at 5 times the
rated current
•
The time-delay feature makes it possible
to use fuse amp ratings that are much
smaller than those of non-time delay
fuses. Considerable cost savings occur by
permitting the use of smaller size switches,
panels, and fuses themselves.
•
Provides current limitation to help protect
downstream components from high fault
currents.
•
Gives motor running back-up protection to
motors without extra costs.
Dimensions - in:
Catalog numbers (amps) — Non-indictaing fuses
FRS-R-1/10
FRS-R-1 8/10
FRS-R-8*
FRS-R-1/8
FRS-R-2
FRS-R-9*
FRS-R-15/100
FRS-R-2 1/4
FRS-R-10*
FRS-R-2/10
FRS-R-2 1/2
FRS-R-12*
FRS-R-1/4
FRS-R-2 8/10
FRS-R-15*
FRS-R-3/10
FRS-R-3
FRS-R-17 1/2*
FRS-R-4/10
FRS-R-3 2/10
FRS-R-20*
FRS-R-1/2
FRS-R-3 1/2
FRS-R-25*
FRS-R-6/10
FRS-R-4
FRS-R-30*
FRS-R-8/10
FRS-R-4 1/2
FRS-R-35*
FRS-R-1
FRS-R-5
FRS-R-40*
FRS-R-1 1/8
FRS-R-5 6/10
FRS-R-45*
FRS-R-1 1/4
FRS-R-6*
FRS-R-50*
FRS-R-1 4/10
FRS-R-6 1/4*
FRS-R-60*
FRS-R-1 1/2
FRS-R-7*
–
FRS-R-1 6/10
FRS-R-7 1/2*
–
* Open fuse indication available by inserting the sufix
“ID.” E.g., FRS-R-15ID.
Technical Data 1017
Effective May 2016
Supersedes August 2013
BUSSMANN
SERIES


Similar Part No. - FRS-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRS-R-1 COOPER-FRS-R-1 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
FRS-R-1 EATON-FRS-R-1 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-1/10 EATON-FRS-R-1/10 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-1/2 EATON-FRS-R-1/2 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-1/4 EATON-FRS-R-1/4 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
More results

Similar Description - FRS-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRS-R EATON-FRS-R Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK_V01 Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 1??0-60A, dual element, time-delay fuses
August 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com