Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-300 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRS-R-300
Description  Fusetron??600V Class RK5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-300 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRS-R-300 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-300 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-300 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fusetron™ 600V Class RK5
FRS-R — 600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
Catalog symbol:
FRS-R-(amp)
Description:
Advanced protection, energy efficient Class RK5
dual element, current-limiting, time-delay fuses.
Time-delay – 10 seconds (minimum) at 500% of
rated current.
Specifications:
Ratings
Volts — 600Vac, 300Vdc
Amps — 65-600A
Interrupting rating
200 kA Vac RMS Sym
20 kA Vdc
Agency information
UL® Listed, Std. 248-12, Class RK5, Guide
JDDZ, File E4273
CSA® Certified, C22.2 No. 248.12, Class
1422-02, File 53787
CE
Catalog numbers (amps)
FRS-R-65
FRS-R-125
FRS-R-350
FRS-R-70
FRS-R-150
FRS-R-400
FRS-R-75
FRS-R-175
FRS-R-450
FRS-R-80
FRS-R-200
FRS-R-500
FRS-R-90
FRS-R-225
FRS-R-600
FRS-R-100
FRS-R-250
FRS-R-110
FRS-R-300
Carton quantity
Amp ratings
Carton Qty.
65–100
1
101–200
1
201–400
1
401–600
1
Features:
Provides motor overload, ground fault
and short-circuit protection. When used in
circuits subject to surge currents such as
those caused by motors, transformers and
other inductive components, these fuses
can be sized close to full-load amps to give
maximum overcurrent protection
The time-delay feature makes it possible
to use fuse amp ratings which are much
smaller than those of non-time delay
fuses. Considerable cost saving occurs by
permitting the use of smaller size switches,
panels and fuses themselves
Provides a good degree of short-circuit
protection (greater current-limitation) to help
protect downstream components from high
fault currents
Gives motor running back-up protection to
motors without extra cost
Helps protect motors against burnout from
overloads and single-phasing when sized
properly
Simplifies and improves blackout prevention
(selective coordination ratios)
Dual-element fuses can be applied in
circuits subject to temporary motor
overloads and surge currents to provide
both high-performance, short-circuit and
overload protection
Dimensions - in:
A
B
Amp ratings
A
B
65-100
7.88
1.11
110-200
9.63
1.61
225-400
11.63
2.34
450-600
13.38
2.88
Technical Data 1018
Effective May 2016
Supersedes July 2013
BUSSMANN
SERIES


Similar Part No. - FRS-R-300

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FRS-R-300 EATON-FRS-R-300 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
More results

Similar Description - FRS-R-300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLNR LITTELFUSE-FLNR Datasheet
418Kb / 1P
FLNR/FLSR Class RK5 Fuses
logo
Cooper Bussmann, Inc.
FRN-R-10 COOPER-FRN-R-10 Datasheet
269Kb / 3P
FUSETRON 250V Class RK5
FRN-R-2 COOPER-FRN-R-2 Datasheet
269Kb / 3P
FUSETRON 250V Class RK5
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Littelfuse
FLNR_ID LITTELFUSE-FLNR_ID_V01 Datasheet
211Kb / 3P
Class RK5 Fuses FLNR_ID Series
Rev: 090721
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
FLSR_ID LITTELFUSE-FLSR_ID_V01 Datasheet
242Kb / 4P
Class RK5 Fuses FLSR_ID Series
Rev: 090721
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com