Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G19 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19
Description  1-OF-2 DECODER/DEMULTIPLEXER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G19 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G19 Datasheet HTML 1Page - Texas Instruments SN74LVC1G19 Datasheet HTML 2Page - Texas Instruments SN74LVC1G19 Datasheet HTML 3Page - Texas Instruments SN74LVC1G19 Datasheet HTML 4Page - Texas Instruments SN74LVC1G19 Datasheet HTML 5Page - Texas Instruments SN74LVC1G19 Datasheet HTML 6Page - Texas Instruments SN74LVC1G19 Datasheet HTML 7Page - Texas Instruments SN74LVC1G19 Datasheet HTML 8Page - Texas Instruments SN74LVC1G19 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74LVC1G19
1OF2 DECODER/DEMULTIPLEXER
SCES464B − JUNE 2003 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 4 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This decoder/demultiplexer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G19 is a 1-of-2 decoder/demultiplexer. This device buffers the data on input A and passes it
to the outputs Y0 (true) and Y1 (complement) when the enable (E) input signal is low.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Reel of 3000
SN74LVC1G19YEPR
_ _ _CY_
−40 C to 85 C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
Reel of 3000
SN74LVC1G19YZPR
_ _ _CY_
−40
°C to 85°C
SOT (SOT-23) − DBV
Reel of 3000
SN74LVC1G19DBVR
C19_
SOT (SOT-23) − DBV
Reel of 250
SN74LVC1G19DBVT
C19_
SOT (SC-70) − DCK
Reel of 3000
SN74LVC1G19DCKR
CY_
SOT (SC-70) − DCK
Reel of 250
SN74LVC1G19DCKT
CY_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar and NanoFree are trademarks of Texas Instruments.
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
6
5
4
A
GND
E
Y0
VCC
Y1
3
2
1
4
5
6
E
GND
A
Y1
VCC
Y0
YEP OR YZP PACKAGE
(BOTTOM VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVC1G19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
SN74LVC1G19DBVR TI-SN74LVC1G19DBVR Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
SN74LVC1G19DBVR TI1-SN74LVC1G19DBVR Datasheet
1Mb / 29P
1-of-2 Decoder and Demultiplexer
SN74LVC1G19DBVRE4 TI-SN74LVC1G19DBVRE4 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
SN74LVC1G19DBVRE4 TI1-SN74LVC1G19DBVRE4 Datasheet
1Mb / 29P
1-of-2 Decoder and Demultiplexer
More results

Similar Description - SN74LVC1G19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Texas Instruments
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74AUC1G19 TI-SN74AUC1G19_1 Datasheet
752Kb / 17P
1-OF-2 DECODER/DEMULTIPLEXER
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com