Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM140-MHT Datasheet(PDF) 7 Page - Formosa MS

Part # FM140-MHT
Description  Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM140-MHT Datasheet(HTML) 7 Page - Formosa MS

  FM140-MHT Datasheet HTML 1Page - Formosa MS FM140-MHT Datasheet HTML 2Page - Formosa MS FM140-MHT Datasheet HTML 3Page - Formosa MS FM140-MHT Datasheet HTML 4Page - Formosa MS FM140-MHT Datasheet HTML 5Page - Formosa MS FM140-MHT Datasheet HTML 6Page - Formosa MS FM140-MHT Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
Formosa MS
Chip Schottky Barrier Rectifier
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
FM120-MHT THRU FM1200-MHT
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Forward Surge
9. Humidity
10. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16" 1/32"
at 245 5
for 5 sec.
V =80% rate at T =125
for 168 hrs.
Rated average rectifier current at T =25
for 500hrs.
T = 25 C, I = I
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
15P
at T =121
for 4 hrs.
-55
to +125
dwelled for 30 min.
and transferred for 5min. total 10 cycles.
8.3ms single half sine-wave , one surge.
at T =85
, RH=85% for 1000hrs.
at 175
for 1000 hrs.
±C
±
±
±C
C
C
C
CC
C
C
O
O
O
O
O
OO
O
O
RJ
A
AF
O
SIG
A
A
O
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
JESD22-A102
Item Test
Conditions
Reference
High reliability test capabilities
DS-121660
2011/01/21
2014/11/05
C
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com