Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM140-MHT Datasheet(PDF) 3 Page - Formosa MS

Part # FM140-MHT
Description  Chip Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM140-MHT Datasheet(HTML) 3 Page - Formosa MS

  FM140-MHT Datasheet HTML 1Page - Formosa MS FM140-MHT Datasheet HTML 2Page - Formosa MS FM140-MHT Datasheet HTML 3Page - Formosa MS FM140-MHT Datasheet HTML 4Page - Formosa MS FM140-MHT Datasheet HTML 5Page - Formosa MS FM140-MHT Datasheet HTML 6Page - Formosa MS FM140-MHT Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Rating and characteristic curves (FM120-MHT THRU FM1200-MHT)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.2
0.4
0.6
0.8
1.0
1.2
350
300
250
200
150
100
50
0
.01
.05
.1
.5
1
5
10
50
100
LEAD TEMPERATURE,( C)
°
0
0
20
40
60
80
100
120
140
160
180
200
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
NUMBER OF CYCLES AT 60Hz
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1.0
100
10
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100
20V~40V
50V~200V
T25 C
J
= °
T 100 C
J
=
°
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
T =25 C
J
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
150~200V
DS-121660
2011/01/21
2014/11/05
C
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com