Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032B
Description  LVDS Quad CMOS Differential Line Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90C032B Datasheet HTML 1Page - National Semiconductor (TI) DS90C032B Datasheet HTML 2Page - National Semiconductor (TI) DS90C032B Datasheet HTML 3Page - National Semiconductor (TI) DS90C032B Datasheet HTML 4Page - National Semiconductor (TI) DS90C032B Datasheet HTML 5Page - National Semiconductor (TI) DS90C032B Datasheet HTML 6Page - National Semiconductor (TI) DS90C032B Datasheet HTML 7Page - National Semiconductor (TI) DS90C032B Datasheet HTML 8Page - National Semiconductor (TI) DS90C032B Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Switching Characteristics
V
CC = +5.0V, TA = +25˚C (Notes 3, 4, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
C
L = 5 pF
1.5
3.40
5.0
ns
t
PLHD
Differential Propagation Delay Low to High
V
ID = 200 mV
1.5
3.48
5.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|(Figure 1 and Figure 2)
0
80
600
ps
t
SK1
Channel-to-Channel Skew (Note 5)
0
0.6
1.0
ns
t
TLH
Rise Time
0.5
2.0
ns
t
THL
Fall Time
0.5
2.0
ns
t
PHZ
Disable Time High to Z
R
L = 2kΩ
10
15
ns
t
PLZ
Disable Time Low to Z
C
L = 10 pF
10
15
ns
t
PZH
Enable Time Z to High
(
Figure 3 and Figure 4)
4
10
ns
t
PZL
Enable Time Z to Low
410
ns
Switching Characteristics
V
CC = +5.0V ± 10%,TA = −40˚C to +85˚C (Notes 3, 4, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
C
L = 5 pF
1.0
3.40
6.0
ns
t
PLHD
Differential Propagation Delay Low to High
V
ID = 200 mV
1.0
3.48
6.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|(Figure 1 and Figure 2)
0
0.08
1.2
ns
t
SK1
Channel-to-Channel Skew (Note 5)
0
0.6
1.5
ns
t
SK2
Chip to Chip Skew (Note 6)
5.0
ns
t
TLH
Rise Time
0.5
2.5
ns
t
THL
Fall Time
0.5
2.5
ns
t
PHZ
Disable Time High to Z
R
L = 2kΩ
10
20
ns
t
PLZ
Disable Time Low to Z
C
L = 10 pF
10
20
ns
t
PZH
Enable Time Z to High
(
Figure 3 and Figure 4)
4
15
ns
t
PZL
Enable Time Z to Low
415
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise speci-
fied.
Note 3: All typicals are given for: VCC = +5.0V, TA = +25˚C.
Note 4: Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω,tr and tf (0%–100%) ≤ 1 ns for RIN and tr and tf ≤ 6 ns for EN or EN*.
Note 5: Channel-to-Channel Skew is defined as the difference between the propagation delay of one channel and that of the others on the same chip with an event
on the inputs.
Note 6: Chip to Chip Skew is defined as the difference between the minimum and maximum specified differential propagation delays.
Note 7: ESD Rating:
HBM (1.5 k
Ω, 100 pF) ≥ 2kV
EIAJ (0
Ω, 200 pF) ≥ 250V
Note 8: Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted at a time, do not ex-
ceed maximum junction temperature specification.
Note 9: CL includes probe and jig capacitance.
Parameter Measurement Information
DS100990-3
FIGURE 1. Receiver Propagation Delay and Transition Time Test Circuit
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com