Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032B Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032B
Description  LVDS Quad CMOS Differential Line Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032B Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS90C032B Datasheet HTML 1Page - National Semiconductor (TI) DS90C032B Datasheet HTML 2Page - National Semiconductor (TI) DS90C032B Datasheet HTML 3Page - National Semiconductor (TI) DS90C032B Datasheet HTML 4Page - National Semiconductor (TI) DS90C032B Datasheet HTML 5Page - National Semiconductor (TI) DS90C032B Datasheet HTML 6Page - National Semiconductor (TI) DS90C032B Datasheet HTML 7Page - National Semiconductor (TI) DS90C032B Datasheet HTML 8Page - National Semiconductor (TI) DS90C032B Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pin Descriptions
Pin
No.
Name
Description
2, 6,
10, 14
R
IN+
Non-inverting receiver input pin
1, 7,
9, 15
R
IN−
Inverting receiver input pin
3, 5,
11, 13
R
OUT
Receiver output pin
4
EN
Active high enable pin, OR-ed with
EN*
Pin
No.
Name
Description
12
EN*
Active low enable pin, OR-ed with EN
16
V
CC
Power supply pin, +5V ± 10%
8
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M16A
DS90C032BTM
Typical Performance Characteristics
Output High Voltage vs
Power Supply Voltage
DS100990-8
Output High Voltage vs
Ambient Temperature
DS100990-9
Output Low Voltage vs
Power Supply Voltage
DS100990-10
Output Low Voltage vs
Ambient Temperature
DS100990-11
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com