Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD7902CFS Datasheet(PDF) 5 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 5 Page - Rohm

  BD7902CFS Datasheet HTML 1Page - Rohm BD7902CFS Datasheet HTML 2Page - Rohm BD7902CFS Datasheet HTML 3Page - Rohm BD7902CFS Datasheet HTML 4Page - Rohm BD7902CFS Datasheet HTML 5Page - Rohm BD7902CFS Datasheet HTML 6Page - Rohm BD7902CFS Datasheet HTML 7Page - Rohm BD7902CFS Datasheet HTML 8Page - Rohm BD7902CFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
BD7902CFS
Optical disc ICs
5/17
!
!
!
!
Input output circuit
Three-phase motor driver output
Hall signal input
PWM driver output SLED1, 2
BTL driver input FO, TK, LD
PWM driver input SLED1, 2
PWM driver input Spindle
BTL driver output FO, TK
BTL driver output LD
Spindle driver current detection input
Hall bias
FG signal output
10
17
19
18
11
9
31
33
32
35
37
34
36
20
51pin
3
1
5
54pin
54pin
54pin
4
2
6
45
47
46
48
51pin
51pin
44pin
49
50
51pin
51pin
51pin
7
54pin
21
54pin
52
26
53
51pin
51pin
47k
Ω
Control signal reference voltage input
27
51pin
10k
Ω
15k
Ω
50k
Ω
50k
Ω
28
29
30pin
54pin
47k
Ω
24
54pin
54pin
15k
Ω
Control signal input
22
23
54pin
54pin
50k
Ω
50k
Ω
50k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com