Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD7902CFS Datasheet(PDF) 11 Page - Rohm

Part # BD7902CFS
Description  6CH Power Driver for CD-ROM, DVD-ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7902CFS Datasheet(HTML) 11 Page - Rohm

Back Button BD7902CFS Datasheet HTML 7Page - Rohm BD7902CFS Datasheet HTML 8Page - Rohm BD7902CFS Datasheet HTML 9Page - Rohm BD7902CFS Datasheet HTML 10Page - Rohm BD7902CFS Datasheet HTML 11Page - Rohm BD7902CFS Datasheet HTML 12Page - Rohm BD7902CFS Datasheet HTML 13Page - Rohm BD7902CFS Datasheet HTML 14Page - Rohm BD7902CFS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BD7902CFS
Optical disc ICs
11/17
!
!
!
!
Table of measure circuit switches position 2
(VCC=SPVM=SLVM=12V, DVCC=AVM=5V, VC=1.65V, RL (act) =8
Ω, RL (SL) =8Ω+47µH, RL (SP) =2Ω+47µH,
SLRNF=0.5
Ω, SPRNF=0.33Ω, H−=2.5V, HU+=2.6V, HV+=HW+=2.4V)
Spindle driver block
〈 Torque command 〉
〈 Hall bias 〉
〈 Hall amplifier 〉
VHB
gmSP
RONUSP
RONLSP
ILIMSP
fosc
1.65V
1.85
∗4
3.3V
3.3V
3.3V
H
H
H
H
H
H
H
L
H
H
H
H
2
2
2
1
1
1
1
1
1
2
2
1
1
1
1
1
VDZSP
∗3
H
L
2111
1
1
1
2
2
111
IHIB
1.65V
H
H
1111
Designation
INPUT
VIN
SWITCH
CTL
12
RL SP SL
IL
Measure
point
Conditions
∗2 Check VRNF with no output at VIN=VC±20mV
Check VRNF with output at VIN
=VC±90mV
See 15 of 20
IHB
=10mA
Current flowing in each terminal at H
−=2.5V,
HW
+=2.7V (2.3V), HV=2.5V
ILSP
=500mA
ILSP
=−500mA
RON
=
0.5A
12V
− VOSP
RON
=
0.5A
VOSP
Pin 7
〈 FG 〉
VFGL
1.65V
H
H
1111
HW
+=2.6V
VFGH
1.65V
H
H
1111
HW
+=2.4V
VFG
VFG
IU
+ (−),
IV
+ (−),
IW
+ (−)
VSPRNF
VSPRNF
VSPRNF
OUTU, V, W
OUTU, V, W
VOSPU
HU
+
HV
+
HW
+
U
V
W
Condition
Measure point
2.4V
2.6V
2.6V
Source
Hi-Z
Sink
VOSPU
IOSPU
=500mA
2.6V
2.4V
2.6V
Sink
Source
Hi-Z
VOSPV
IOSPV
=500mA
2.6V
2.6V
2.4V
Hi-Z
Sink
Source
VOSPW
IOSPW
=500mA
2.6V
2.4V
2.4V
Sink
Hi-Z
Source
VOSPU
IOSPU
=−500mA
2.4V
2.6V
2.4V
Source
Sink
Hi-Z
VOSPV
IOSPV
=−500mA
2.4V
2.4V
2.6V
Hi-Z
Source
Sink
VOSPW
IOSPW
=−500mA
∗5 Condition of input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com