Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM53 Datasheet(PDF) 1 Page - Bi technologies

Part # HM53
Description  High Power Low Cost Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM53 Datasheet(HTML) 1 Page - Bi technologies

  HM53_15 Datasheet HTML 1Page - Bi technologies HM53_15 Datasheet HTML 2Page - Bi technologies HM53_15 Datasheet HTML 3Page - Bi technologies HM53_15 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Power Low Cost Inductors
Model HM53
Make Possible
Magnetics
Features and Benefits
Insulation Resistance, Minimum 100 MΩ
Operating Temperature Range -40°C to +125°C
Ambient Temperature, Maximum 85°C
Temperature Rise, Maximum 40°C
Operating Frequency Up to 400kHz
RoHS Compliant
Part
Number
Inductance(1)
Control Value
μH
±20%
Rated (2)
Inductance
μH
Typ.
Rated
Current
Adc
DCR
mΩ
Max.
Dimensions (mm)
L / W / Ht
Quantity Per Carton
(Units)
Vert. Mount
Hor. Mount
Vert.
Mount
Hor.
Mount
HM53-000R8VLF
1.23
0.8
15.0
2.5
14.0 / 8.5 / 14.0
-
660
-
HM53-001R1_LF V or H
1.44
1.1
14.0
3.0
23.0 / 14.0 / 23.0
23.0 / 23.0 / 14.0
360
300
HM53-001R6_LF V or H
1.72
1.6
8.0
4.0
16.0 / 11.0 / 16.0
16.0 / 16.0 / 11.0
560
500
HM53-001R8_LF V or H
2.6
1.8
15.0
3.5
23.0 / 14.0 / 23.0
23.0 / 23.0 / 14.0
360
180
HM53-001R9_LF V or H
2.7
1.9
10.0
5.1
17.5 / 11.4 / 17.5
17.5 / 17.5 / 11.4
660
500
HM53-002R0_LF V or H
2.8
2.0
8.5
4.8
16.0 / 9.0 / 16.0
16.0 / 16.0 / 9.0
560
500
HM53-003R0_LF V or H
4.4
3.1
13.5
4.5
24.5 / 14.0 / 24.5
24.5 / 24.5 / 14.0
360
320
HM53-005R5_LF V or H
7.9
5.5
8.5
8.9
20.5 / 13.0 / 20.5
20.5 / 20.5 / 13.0
360
180
HM53-007R8_LF V or H
11.1
7.8
5.7
12.9
17.0 / 13.5 / 17.0
17.0 / 17.0 / 13.5
450
500
HM53-009R5_LF V or H
13.5
9.5
9.0
8.1
23.0 / 19.0 / 23.0
23.0 / 23.0 / 19.0
180
210
HM53-101R5VLF
2.7
1.5
15.0
3.3
18.0 / 10.0 / 18.0
-
560
-
HM53-101R6VLF
4.0
1.6
21.0
6.5
17.0 / 9.0 / 17.0
-
560
-
HM53-103R3VLF
4.0
3.3
10.0
10.0
15.0 / 8.0 / 15.0
-
560
-
HM53-108R0_LF V or H
10.1
8.0
3.0
10.5
16.2 / 8.5 / 16.2
16.2 / 16.2 / 8.5
660
500
HM53-10180_LF V or H
25.3
17.9
2.0
20.5
16.2 / 8.0 / 16.2
16.2 / 16.2 / 8.0
500
500
HM53-10320_LF V or H
50.3
32.3
2.6
59.1
16.2 / 9.0 / 16.2
16.2 / 16.2 / 9.0
560
500
HM53-10650_LF V or H
104.0
65.2
2.4
108.6
15.5 / 12.4 / 15.5
15.5 / 15.5 / 12.4
560
250
HM53-10101VLF
121.0
100.0
5.0
67.0
27.0 / 16.5 / 27.0
-
240
-
HM53-10111_LF V or H
151.7
106.4
2.3
165.9
20.7 / 9.4 / 20.7
20.7 / 20.7 / 9.4
360
300
HM53-10171_LF V or H
250.9
175.2
2.2
224.2
20.9 / 13.0 / 20.9
20.9 / 20.9 / 13.0
360
210
HM53-10351_LF V or H
505.0
354.3
1.9
375.1
24.0 / 15.3 / 24.0
24.0 / 24.0 / 15.3
180
140
HM53-10531_LF V or H
754.4
529.2
2.4
468.1
29.8 / 17.4 / 29.8
29.8 / 29.8 / 17.4
90
90
HM53-10701_LF V or H
1000.4
701.4
2.1
679.4
29.8 / 17.1 / 29.8
29.8 / 29.8 / 17.1
90
90
HM53-208R0_LF V or H
10.6
8.0
6.0
8.3
22.0 / 9.5 / 22.0
22.0 / 22.0 / 9.5
360
300
HM53-20190_LF V or H
25.0
19.1
4.0
20.3
22.0 / 9.0 / 22.0
22.0 / 22.0 / 9.0
360
300
HM53-20350_LF V or H
50.0
35.0
4.9
29.1
21.6 / 13.6 / 21.6
21.6 / 21.6 / 13.6
360
320
HM53-20580_LF V or H
73.9
58.1
2.5
59.9
22.0 / 9.0 / 22.0
22.0 / 22.0 / 9.0
360
300
HM53-20710_LF V or H
101.7
70.8
4.3
48.5
24.0 / 16.6 / 24.0
24.0 / 24.0 / 16.6
200
140
HM53-20101_LF V or H
148.0
103.6
4.0
70.5
30.6 / 11.4 / 30.6
30.6 / 30.6 / 11.4
90
135
HM53-20171_LF V or H
251.1
175.4
4.2
96.0
31.2 / 19.0 / 31.2
31.2 / 31.2 / 19.0
90
90
HM53-20351_LF V or H
499.4
349.0
3.3
183.0
36.7 / 14.8 / 36.7
36.7 / 36.7 / 14.8
45
75
HM53-20521_LF V or H
749.3
521.9
3.4
225.4
43.3 / 18.2 / 43.3
43.3 / 43.3 / 18.2
45
90
HM53-306R8_LF V or H
9.7
6.8
11.1
8.3
22.2 / 13.9 / 22.2
22.2 / 22.2 / 13.9
180
210
HM53-30150_LF V or H
21.3
14.9
9.3
17.8
24.5 / 16.6 / 24.5
24.5 / 24.5 / 16.6
200
140
HM53-30350_LF V or H
49.6
34.9
9.4
21.9
32.3 / 18.9 / 32.3
32.3 / 32.3 / 18.9
90
90
HM53-30580_LF V or H
78.0
58.5
4.0
40.9
30.0 / 13.0 / 30.0
30.0 / 30.0 / 13.0
200
140
HM53-30690_LF V or H
97.2
67.9
7.5
31.0
37.8 / 16.8 / 37.8
37.8 / 37.8 / 16.8
45
75
HM53-30101_LF V or H
150.6
105.4
7.5
45.6
46.4 / 19.8 / 46.4
46.4 / 46.4 / 19.8
45
90
HM53-30181_LF V or H
254.4
178.2
8.1
48.2
53.7 / 24.3 / 53.7
53.7 / 53.7 / 24.3
45
45
HM53-407R0_LF V or H
10.0
7.0
13.5
7.9
25.7 / 18.0 / 25.7
25.7 / 25.7 / 18.0
45
90
HM53-40150_LF V or H
21.0
14.7
14.5
11.5
32.4 / 19.8 / 32.4
32.4 / 32.4 / 19.8
90
90
HM53-40360_LF V or H
52.3
36.5
10.2
18.3
39.0 / 16.8 / 39.0
39.0 / 39.0 / 16.8
45
75
HM53-40550_LF V or H
74.5
54.8
6.0
26.1
35.0 / 16.0 / 35.0
35.0 / 35.0 / 16.0
90
90
HM53-40710_LF V or H
101.4
71.1
9.1
21.2
48.5 / 21.8 / 48.5
48.5 / 48.5 / 21.8
45
45
Specifications @ 25°C / Packaging
Rev. 01
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM53_15

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM53-10101VLF TTELEC-HM53-10101VLF Datasheet
1Mb / 4P
High Power Low Cost Inductors
logo
List of Unclassifed Man...
HM53-10111H ETC-HM53-10111H Datasheet
64Kb / 5P
High Power Low Cost Inductors
HM53-10111V ETC-HM53-10111V Datasheet
64Kb / 5P
High Power Low Cost Inductors
logo
TT Electronics.
HM53-10111_LF TTELEC-HM53-10111_LF Datasheet
1Mb / 4P
High Power Low Cost Inductors
logo
Bi technologies
HM53-10111_LFH BITECH-HM53-10111_LFH Datasheet
1Mb / 4P
High Power Low Cost Inductors
More results

Similar Description - HM53_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
High Power Low Cost Inductors
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
Low Cost Power Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
High Power Low Cost Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
Low Cost Medium Power Surface Mount Inductors
logo
TALEMA Group. LLC
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
Low Cost Power Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
Low Cost Medium Power Surface Mount Inductors
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
High Power Low Cost Inductors
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
Low Cost Medium Power Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com