Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM53 Datasheet(PDF) 4 Page - Bi technologies

Part # HM53
Description  High Power Low Cost Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM53 Datasheet(HTML) 4 Page - Bi technologies

  HM53_15 Datasheet HTML 1Page - Bi technologies HM53_15 Datasheet HTML 2Page - Bi technologies HM53_15 Datasheet HTML 3Page - Bi technologies HM53_15 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Power Low Cost Inductors
Model HM53
Make Possible
Electrical Characteristics @ 25°C (Cont’d)
www.ttelectronicsmagnetics.com
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
39
Electrical Characteristics @ 25°C (Cont’d)
Rev. 01
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com