Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-DZ Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8406-DZ
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-DZ Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8406-DZ Datasheet HTML 12Page - Cirrus Logic CS8406-DZ Datasheet HTML 13Page - Cirrus Logic CS8406-DZ Datasheet HTML 14Page - Cirrus Logic CS8406-DZ Datasheet HTML 15Page - Cirrus Logic CS8406-DZ Datasheet HTML 16Page - Cirrus Logic CS8406-DZ Datasheet HTML 17Page - Cirrus Logic CS8406-DZ Datasheet HTML 18Page - Cirrus Logic CS8406-DZ Datasheet HTML 19Page - Cirrus Logic CS8406-DZ Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
CS8406
16
DS580F1
5. AES3 TRANSMITTER
The CS8406 includes an AES3 digital audio transmitter. A comprehensive buffering scheme pro-
vides write access to the channel status and user data. This buffering scheme is described in
Appendix B: Channel Status and User Data Buffer Management.
The AES3 transmitter encodes and transmits audio and digital data according to the AES3,
IEC60958 (S/PDIF), and EIAJ CP-1201 interface standards. Audio and control data are multi-
plexed together and bi-phase mark encoded. The resulting bit stream is driven to an output con-
nector either directly or through a transformer. The transmitter is clocked from the clock input pin,
OMCK. If OMCK is asynchronous to the data source, an interrupt bit (TSLIP) is provided that will
go high every time a data sample is dropped or repeated.
The channel status (C) and user (U) bits in the transmitted data stream are taken from storage
areas within the CS8406. The user can manually access the internal storage or configure the
CS8406 to run in one of several automatic modes. Appendix B: Channel Status and User Data
Buffer Management provides detailed descriptions of each automatic mode and describes meth-
ods of manually accessing the storage areas. The transmitted user bit data can optionally be in-
put through the U pin, under the control of a control port register bit.
Figure 8 shows the C/U/V timing requirements.
5.1
Transmitted Frame and Channel Status Boundary Timing
The TCBL pin is used to control or indicate the start of transmitted channel status block bound-
aries and may be an input or an output.
In some applications, it may be necessary to control the precise timing of the transmitted AES3
frame boundaries. This may be achieved in two ways:
a) With TCBL set to input, driving TCBL high for >3 OMCK clocks will cause a frame start, as well
as a new channel status block start.
b) If the serial audio input port is in slave mode and TCBL is set to output, the start of the A chan-
nel sub-frame will be aligned with the leading edge of ILRCK.
5.2
TXN and TXP Drivers
The line drivers are low skew, low impedance, differential outputs capable of driving cables di-
rectly. Both drivers are set to ground during reset (RST = LOW), when no AES3 transmit clock
is provided, and optionally under the control of a register bit. The CS8406 also allows immediate
muting of the AES3 transmitter audio data through a control register bit.
External components are used to terminate and isolate the external cable from the CS8406.
These components are detailed in “Appendix A: External AES3/SPDIF/IEC60958 Transmitter
Components” on page 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com