Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-DZ Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8406-DZ
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-DZ Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8406-DZ Datasheet HTML 35Page - Cirrus Logic CS8406-DZ Datasheet HTML 36Page - Cirrus Logic CS8406-DZ Datasheet HTML 37Page - Cirrus Logic CS8406-DZ Datasheet HTML 38Page - Cirrus Logic CS8406-DZ Datasheet HTML 39Page - Cirrus Logic CS8406-DZ Datasheet HTML 40Page - Cirrus Logic CS8406-DZ Datasheet HTML 41Page - Cirrus Logic CS8406-DZ Datasheet HTML 42Page - Cirrus Logic CS8406-DZ Datasheet HTML 43Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
CS8406
DS580F1
39
14.APPENDIX A: EXTERNAL AES3/SPDIF/IEC60958 TRANSMITTER
COMPONENTS
This section details the external components required to interface the AES3 transmitter to cables
and fiber-optic components.
14.1 AES3 Transmitter External Components
The output drivers on the CS8406 are designed to drive both the professional and consumer in-
terfaces. The AES3 and IEC60958-4 specifications call for a balanced output drive of 2-7 V peak-
to-peak into a 110
Ω ± 20% load with no cable attached. Using the circuit in Figure 13, the output
of the transformer is short-circuit protected, has the proper source impedance, and provides a
5 V peak-to-peak signal into a 110
Ω load. Lastly, the two output pins should be attached to an
XLR connector with male pins and a female shell, and with pin 1 of the connector grounded.
In the case of consumer use, the IEC60958-3 specification calls for an unbalanced drive circuit
with an output impedance of 75
Ω ± 20% and a output drive level of 0.5 V peak-to-peak ± 20%
when measured across a 75
Ω load using no cable. The circuit shown in Figure 14 only uses the
TXP pin and provides the proper output impedance and drive level using standard 1% resistors.
If VL is set to +3.3 V, change 374
Ω to 243 Ω and change 90.9 Ω to 107 Ω. The connector for a
consumer application would be an RCA phono socket. This circuit is also short circuit protected.
The TXP pin may be used to drive TTL or CMOS gates as shown in Figure 15. This circuit may
be used for optical connectors for digital audio since they usually have TTL or CMOS compatible
inputs. This circuit is also useful when driving multiple digital audio outputs since RS422 line driv-
ers have TTL compatible inputs.
14.2 Isolating Transformer Requirements
Please refer to the application note AN134:
AES and SPDIF Recommended Transformers for re-
sources on transformer selection.
374-R
TXP
90.9
Ω
TXP
TXN
RCA
Phono
CS8406
110-(R
TXP+RTXN)
TXP
TXN
XLR
1
CS8406
Figure 13. Professional Output Circuit
Figure 14. Consumer Output Circuit (VL = 5.0 V)
TXP
TXN
TTL or
CMOS Gate
CS8406
Figure 15. TTL/CMOS Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com