Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C387 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C387
Description  Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DS90C387 Datasheet HTML 17Page - National Semiconductor (TI) DS90C387 Datasheet HTML 18Page - National Semiconductor (TI) DS90C387 Datasheet HTML 19Page - National Semiconductor (TI) DS90C387 Datasheet HTML 20Page - National Semiconductor (TI) DS90C387 Datasheet HTML 21Page - National Semiconductor (TI) DS90C387 Datasheet HTML 22Page - National Semiconductor (TI) DS90C387 Datasheet HTML 23Page - National Semiconductor (TI) DS90C387 Datasheet HTML 24Page - National Semiconductor (TI) DS90C387 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Applications Information
HOW TO CONFIGURE THE DS90C387 AND DS90CF388
FOR MOST COMMON APPLICATION
1. To configure for single input pixel-to-dual pixel output
application, the DS90C387 “DUAL” pin must be set to 1/2
Vcc=1.65V. This may be implemented using pull-up and
pull-down resistors of 10k
Ω each as shown in Figure 16.A
capacitor between “DUAL” pin and ground will help to stabi-
lize the DC voltage level in a noisy environment. In this
configuration, the input signals (single pixel) are split into
odd and even pixel (dual pixels) starting with the odd (first)
pixel outputs A0-to-A3 the next even (second) pixel outputs
to A4-to-A7. The splitting of the data signal also starts with
DE (data enable) transitioning from logic low to high indicat-
ing active data. The "R_FDE" pin must be set high in this
case. This is supported in DC Balanced and non-DC Bal-
anced (BAL=low or high) data transmission. The number of
clock cycles during blanking must be an EVEN number. This
configuration will allow the user to interface to an LDI re-
ceiver (DS90CF388) or if in the non-DC Balanced mode
(BAL=low)
then
two
FPD-Link
’notebook’
receivers
(DS90CF384A). The DC Balance feature is recommended
for monitor applications which require >2meters of cable
length. Notebook applications should disable this feature to
reduce the current consumption of the chipset. Note that
only the DS90C387/DS90CF388 support the DC Balance
data transmission feature.
2. To configure for single pixel or dual pixel application using
the DS90C387/DS90CF388, the “DUAL” pin must be set to
Vcc (dual) or Gnd (single). In dual mode, the transmitter-
DS90C387 has two LVDS clock outputs enabling an inter-
face to two FPD-Link ’notebook’ receivers (DS90CF384A or
DS90CF386). In single mode, outputs A4-to-A7 and CLK2
are disabled which reduces power dissipation. Both single
and dual mode also support the DC Balance data transmis-
sion feature, which should only be used for monitor applica-
tion.
The DS90CF388 is able to support single or dual pixel
interface up to 112MHz operating frequency. This receiver
may also be used to interface to a VGA controller with an
integrated LVDS transmitter without DC Balance data trans-
mission. In this case, the receivers “BAL” pin must be tied
low (DC Balance disabled).
NEW FEATURES DESCRIPTION
Pre-emphasis
adds extra current during LVDS logic transition to reduce the
cable loading effects. Pre-emphasis strength is set via a DC
voltage level applied from min to max (0.75V to Vcc) at the
“PRE” pin. A higher input voltage on the ”PRE” pin increases
the magnitude of dynamic current during data transition. The
“PRE” pin requires one pull-up resistor (Rpre) to Vcc in order
to set the DC level. There is an internal resistor network,
which cause a voltage drop. Please refer to the tables below
to set the voltage level.
TABLE 5. PRE-EMPHASIS DC VOLTAGE LEVEL WITH (RPRE)
Rpre
Resulting PRE Voltage
Effects
1M
Ω or NC
0.75V
Standard LVDS
50k
Ω
1.0V
9k
Ω
1.5V
50% pre-emphasis
3k
Ω
2.0V
1k
Ω
2.6V
100
Ω
Vcc
100% pre-emphasis
TABLE 6. PRE-EMPHASIS NEEDED PER CABLE LENGTH
Frequency
PRE Voltage
Typical cable length
112MHz
1.0V
2 meters
112MHz
1.5V
5 meters
80MHz
1.0V
2 meters
80MHz
1.2V
7 meters
65MHz
1.5V
10 meters
56MHz
1.0V
10 meters
Note 20: This is based on testing with standard shield twisted pair cable. The amount of pre-emphasis will vary depending on the type of cable, length and operating
frequency.
DC Balance
In the Balanced operating modes, in addition to pixel and
control information an additional bit is transmitted on every
LVDS data signal line during each cycle of active data as
shown inFigure 18 . This bit is the DC Balance bit (DCBAL).
The purpose of the DC Balance bit is to minimize the short-
and long-term DC bias on the signal lines. This is achieved
by selectively sending the pixel data either unmodified or
inverted.
The value of the DC Balance bit is calculated from the
running word disparity and the data disparity of the current
word to be sent. The data disparity of the current word shall
be calculated by subtracting the number of bits of value 0
from the number of bits value 1 in the current word. Initially,
the running word disparity may be any value between +7 and
−6. The running word disparity shall be calculated as a
continuous sum of all the modified data disparity values,
where the unmodified data disparity value is the calculated
data disparity minus 1 if the data is sent unmodified and 1
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com