Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C387 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C387
Description  Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C387 Datasheet HTML 1Page - National Semiconductor (TI) DS90C387 Datasheet HTML 2Page - National Semiconductor (TI) DS90C387 Datasheet HTML 3Page - National Semiconductor (TI) DS90C387 Datasheet HTML 4Page - National Semiconductor (TI) DS90C387 Datasheet HTML 5Page - National Semiconductor (TI) DS90C387 Datasheet HTML 6Page - National Semiconductor (TI) DS90C387 Datasheet HTML 7Page - National Semiconductor (TI) DS90C387 Datasheet HTML 8Page - National Semiconductor (TI) DS90C387 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DS90C387/DS90CF388
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
General Description
The DS90C387/DS90CF388 transmitter/receiver pair is de-
signed to support dual pixel data transmission between Host
and Flat Panel Display up to QXGA resolutions. The trans-
mitter converts 48 bits (Dual Pixel 24-bit color) of CMOS/TTL
data into 8 LVDS (Low Voltage Differential Signalling) data
streams. Control signals (VSYNC, HSYNC, DE and two
user-defined signals) are sent during blanking intervals. At a
maximum dual pixel rate of 112MHz, LVDS data line speed is
672Mbps, providing a total throughput of 5.38Gbps (672
Megabytes per second). Two other modes are also sup-
ported. 24-bit color data (single pixel) can be clocked into the
transmitter at a maximum rate of 170MHz. In this mode, the
transmitter provides single-to-dual pixel conversion, and the
output LVDS clock rate is 85MHz maximum. The third mode
provides inter-operability with FPD-Link devices.
The LDI chipset is improved over prior generations of FPD-
Link devices and offers higher bandwidth support and longer
cable drive with three areas of enhancement. To increase
bandwidth, the maximum pixel clock rate is increased to 112
(170) MHz and 8 serialized LVDS outputs are provided.
Cable drive is enhanced with a user selectable pre-
emphasis feature that provides additional output current dur-
ing transitions to counteract cable loading effects. DC bal-
ancing on a cycle-to-cycle basis, is also provided to reduce
ISI (Inter-Symbol Interference). With pre-emphasis and DC
balancing, a low distortion eye-pattern is provided at the
receiver end of the cable. A cable deskew capability has
been added to deskew long cables of pair-to-pair skew of up
to +/−1 LVDS data bit time (up to 80 MHz Clock Rate). These
three enhancements allow cables 5+ meters in length to be
driven. This chipset is an ideal means to solve EMI and cable
size problems for high-resolution flat panel applications. It
provides a reliable interface based on LVDS technology that
delivers the bandwidth needed for high-resolution panels
while maximizing bit times, and keeping clock rates low to
reduce EMI and shielding requirements. For more details,
please refer to the “Applications Information” section of this
datasheet.
Features
n
Complies with OpenLDI specification for digital display
interfaces
n
32.5 to 112/170MHz clock support for DS90C387, 40 to
112MHz clock support for DS90CF388
n
Supports SVGA through QXGA panel resolutions
n
Drives long, low cost cables
n
Up to 5.38Gbps bandwidth
n
Pre-emphasis reduces cable loading effects
n
DC Balance data transmission provided by transmitter
reduces ISI distortion
n
Cable Deskew of +/−1 LVDS data bit time (up to 80
MHz Clock Rate) of pair-to-pair skew at receiver inputs;
intra-pair skew tolerance of 300ps
n
Dual pixel architecture supports interface to GUI and
timing controller; optional single pixel transmitter inputs
support single pixel GUI interface
n
Transmitter rejects cycle-to-cycle jitter
n
5V tolerant on data and control input pins
n
Programmable transmitter data and control strobe select
(rising or falling edge strobe)
n
Backward compatible configuration select with FPD-Link
n
Optional second LVDS clock for backward compatibility
w/ FPD-Link
n
Support for two additional user-defined control signals in
DC Balanced mode
n
Compatible with ANSI/TIA/EIA-644-1995 LVDS Standard
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
May 2004
© 2004 National Semiconductor Corporation
DS100073
www.national.com


Similar Part No. - DS90C387

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
910Kb / 26P
Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Texas Instruments
DS90C387 TI2-DS90C387 Datasheet
1Mb / 34P
DS90C387, DS90CF388 Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
REVISED APRIL 2013
DS90C387 TI2-DS90C387 Datasheet
1Mb / 34P
DS90C387, DS90CF388 Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
REVISED APRIL 2013
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
More results

Similar Description - DS90C387

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C2501 NSC-DS90C2501 Datasheet
650Kb / 48P
Transmitter with built-in scaler for LVDS Display Interface (LDI)
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
Dual Pixel LVDS Display Interface / FPD-Link
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
24bit COLOR OPEN LDI(LVDS) TRANSMITTER
logo
List of Unclassifed Man...
HT140WXB-100 ETC-HT140WXB-100 Datasheet
1Mb / 35P
1 Channel LVDS Interface with 1 pixel / clock
2009.6.27.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com