Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8304 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8304
Description  LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8304 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8304 Datasheet HTML 1Page - Integrated Circuit Systems ICS8304 Datasheet HTML 2Page - Integrated Circuit Systems ICS8304 Datasheet HTML 3Page - Integrated Circuit Systems ICS8304 Datasheet HTML 4Page - Integrated Circuit Systems ICS8304 Datasheet HTML 5Page - Integrated Circuit Systems ICS8304 Datasheet HTML 6Page - Integrated Circuit Systems ICS8304 Datasheet HTML 7Page - Integrated Circuit Systems ICS8304 Datasheet HTML 8Page - Integrated Circuit Systems ICS8304 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
8304AM
www.icst.com/products/hiperclocks.html
REV. F SEPTEMBER 13, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8304
LOW SKEW, 1-TO-4
LVCMOS / LVTTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8304 is a low skew, 1-to-4 Fanout
Buffer and a member of the HiPerClockS ™
family of High Perfor mance Clock Solutions
from ICS. The ICS8304 is character ized at
full 3.3V for input V
DD, and mixed 3.3V and 2.5 V
for output operating supply modes (V
DDO). Guaranteed out-
put and par t-to-par t skew character istics make the
ICS8304 ideal for those clock distribution applications
demanding well defined performance and repeatability.
FEATURES
• 4 LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input
• Maximum output frequency: 200MHz
• Output skew: 45ps (maximum at 3.3V supply)
• Part-to-part skew: 500ps (maximum)
• Small 8 lead SOIC package saves board space
• 3.3V input, outputs may be either 3.3V or 2.5V supply modes
• Lead-Free package available
• 0°C to 70°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8304
8-Lead SOIC, 150mil
3.9mm x 4.9mm, x 1.63mm package body
M Package
Top View
VDDO
VDD
CLK
GND
1
2
3
4
Q0
Q1
Q2
Q3
CLK
HiPerClockS™
ICS
Q3
Q2
Q1
Q0
8
7
6
5


Similar Part No. - ICS8304

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
logo
Integrated Circuit Syst...
ICS8304AM-01 ICST-ICS8304AM-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304AM-01LF ICST-ICS8304AM-01LF Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304AM-01LFT ICST-ICS8304AM-01LFT Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
More results

Similar Description - ICS8304

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
8304I RENESAS-8304I Datasheet
388Kb / 12P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
December 10, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com