Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEFST0D331R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFST0D331R
Description  Conductive Polymer Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFST0D331R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFST0D331R Datasheet HTML 1Page - Panasonic Semiconductor EEFST0D331R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Electrolytic Capacitors
W1
L
P1
P4
P2
P3
P1
+
–
+
–
W1
L
+
–
P
P
Lot No.
Cap.
Polarity bar (Positive)
R.V. code
● Low profile (Height 1.0 mm max.)
● Low ESR (4.5 m
Ω to 9 mΩ)
● Low ESL (3-terminals : 50% less then 2-terminals) [LR, LS, LT series]
● High ripple current (8500 mAr.m.s. max.)
● RoHS compliance, Halogen free
Surface Mount Type
Series : SR, LR, SS, LS, ST, LT
Features
Specifications
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
DC leakage current
I
< 0.1 CV (μA) 2 minutes
Dissipation factor (tan
d)
< 0.06 (120 Hz/+20 °C)
Surge voltage (V.DC)
Rated voltage
× 1.25 (15 °C to 35 °C)
Endurance
+105 °C, 2000 h, rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan
d
< 2 times of the initial limit
DC leakage current
< 3 times of the initial limit
Damp heat
(Steady state)
+60 °C, 90 %, 500 h, No-applied voltage
Capacitance change of
initial measurd value
2 V.DC to 2.5 V.DC
4 V.DC
6.3 V.DC
+70 %, –20 %
+60 %, –20 %
+50 %, –20 %
tan d
< 2 times of the initial limit
DC leakage current
Within the initial limit
Series
SR
LR
SS
LS
ST
LT
Category temp. Range
–55 °C to +105 °C
Rated voltage range
2 V.DC to 6.3 V.DC
2 V.DC to 2.5 V.DC
Nominal cap.Range
68 μF to 220μF
180 μF to 220μF
270 μF to 330 μF
Marking
Rated voltage mark
d
2 V.DC
e
2.5 V.DC
g
4 V.DC
j
6.3 V.DC
Series
L±0.2
W1±0.2 W2±0.1
H±0.1
P±0.3
SR
7.3
4.3
2.4
1.0 ✽
1
1.3
SS
7.3
4.3
2.4
1.1
1.3
ST
7.3
4.3
2.4
1.4
1.3
✽ Externals of figure are the reference.
✽1 : Maximum
✽1 : Maximum
✽ Externals of figure are the reference.
Series L±0.2 W1±0.2 W2±0.1 H±0.1 P1±0.3 P2±0.1 P3±0.2 P4±0.2
LR
7.3
4.3
2.4
1.0 ✽
1
1.3
1.1
0.7
1.4
LS
7.3
4.3
2.4
1.1
1.3
1.1
0.7
1.4
LT
7.3
4.3
2.4
1.4
1.3
1.1
0.7
1.4
SR, SS, ST series
LR, LS, LT series
Unit : mm
Unit : mm
Dimensions (not to scale)
Nov. 2015
05


Similar Part No. - EEFST0D331R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFST0D331R PANASONIC-EEFST0D331R Datasheet
58Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFST0D331R PANASONIC-EEFST0D331R Datasheet
71Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFST0D331R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCS0G121R PANASONIC-EEFCS0G121R Datasheet
61Kb / 3P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFGX0D331R PANASONIC-EEFGX0D331R_16 Datasheet
57Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFHX0D471R PANASONIC-EEFHX0D471R Datasheet
52Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFCS1C150P PANASONIC-EEFCS1C150P Datasheet
61Kb / 3P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
61Kb / 3P
Conductive Polymer Aluminum Electrolytic Capacitors
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFGY0D821R PANASONIC-EEFGY0D821R Datasheet
396Kb / 6P
Conductive Polymer Aluminum Electrolytic Capacitors
KX_SERIES PANASONIC-KX_SERIES Datasheet
644Kb / 7P
Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
JX-SERIES PANASONIC-JX-SERIES Datasheet
550Kb / 7P
Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com