Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEFST0D331R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFST0D331R
Description  Conductive Polymer Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFST0D331R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFST0D331R Datasheet HTML 1Page - Panasonic Semiconductor EEFST0D331R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Electrolytic Capacitors
Reflow ✽
3
<Standard>
Characteristics list
Temperature compensation multipliers for ripple current
✽1: Ripple current (100 kHz/ +45°C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mounting Specifications”.
✽4: Please contact us when 500 pcs packing is necessary.
Series
Rated
voltage
(V.DC)
Capacitance
(±20 %)
(μF)
Case size (mm)
Specification
The number
of
terminals
Part number
Min.✽
4
Packaging
Q’ty
(pcs)
LW
H
✽1
Ripple
current
(mAr.m.s.)
✽2
ESR
(m
Ω max.)
23
SR
2
220
7.3
4.3
1.0 max.
7500
6
○
EEFSR0D221R
3500
7.3
4.3
1.0 max.
8500
4.5
○
EEFSR0D221R4
3500
2.5
180
7.3
4.3
1.0 max.
7500
6
○
EEFSR0E181R
3500
7.3
4.3
1.0 max.
8500
4.5
○
EEFSR0E181R4
3500
4
120
7.3
4.3
1.0 max.
6300
9
○
EEFSR0G121R
3500
6.3
68
7.3
4.3
1.0 max.
6300
9
○
EEFSR0J680R
3500
LR
2
220
7.3
4.3
1.0 max.
7500
6
○
EEFLR0D221R
3500
7.3
4.3
1.0 max.
8500
4.5
○
EEFLR0D221R4
3500
2.5
180
7.3
4.3
1.0 max.
7500
6
○
EEFLR0E181R
3500
7.3
4.3
1.0 max.
8500
4.5
○
EEFLR0E181R4
3500
4
120
7.3
4.3
1.0 max.
6300
9
○
EEFLR0G121R
3500
6.3
68
7.3
4.3
1.0 max.
6300
9
○
EEFLR0J680R
3500
SS
2
220
7.3
4.3
1.1
7500
6
○
EEFSS0D221R
3500
2.5
180
7.3
4.3
1.1
7500
6
○
EEFSS0E181R
3500
LS
2
220
7.3
4.3
1.1
7500
6
○
EEFLS0D221R
3500
2.5
180
7.3
4.3
1.1
7500
6
○
EEFLS0E181R
3500
ST
2
330
7.3
4.3
1.4
7500
6
○
EEFST0D331R
3500
2.5
270
7.3
4.3
1.4
7500
6
○
EEFST0E271R
3500
LT
2
330
7.3
4.3
1.4
7500
6
○
EEFLT0D331R
3500
2.5
270
7.3
4.3
1.4
7500
6
○
EEFLT0E271R
3500
Temp.
T
< 45 °C
45 °C < T
< 85 °C
85 °C < T
< 105 °C
Coefficient
1.0
0.7
0.25
Nov. 2015
05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com