Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETCF680ML Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ETCF680ML
Description  Conductive Polymer Tantalum Solid Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ETCF680ML Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ETCF680ML Datasheet HTML 1Page - Panasonic Semiconductor ETCF680ML Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
R. Voltage code
Lot. No.
R.Cap. code
Polarity marking(+)
L
S
W1
S
Surface Mount Type
Series :
TC
● Guaranteed at 125 °C
● RoHS compliance, Halogen free
Features
Size code
D2E
D3L
D4
Category temperature range
–55 °C to +125 °C
Rated voltage range
4 V.DC to 6.3 V.DC
2.5 V.DC to 10 V.DC
Category voltage range
3.2 V.DC to 5.0 V.DC
2.0 V.DC to 8.0 V.DC
Rated capacitance range
100 µF to 330 µF
150 µF to 680 µF
330 µF to 1000 µF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Surge voltage (V.DC)
Rated voltage
× 1.15
Endurance
+125 °C, 1000 h Category temperature range voltage applied
Capacitance change
Within ±20 % of the initial value
tan
d
< 2 times of the initial limit
DC leakage current
< 2 times of the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 500 h, No-applied voltage
Capacitance change
Within +50 %, −20 % of the initial value (ETCF1000M6H (5H))
Within +40 %, −20 % of the initial value (Except for above model)
tan
d
< 1.5 times of the initial limit
DC leakage current
< 3 times of the initial limit
Size code L±0.3
W±0.2 H±0.2 ✽
1
S±0.2
W1±0.1
D2E
7.3
4.3
1.8
1.3
2.4
D3L
7.3
4.3
2.8
1.3
2.4
D4
7.3
4.3
3.8
1.3
2.4
R. Voltage (V.DC)
2.5
4.0
6.3
10.0
Code
eg
j
A
Unit : mm
✽ Externals of figure are the reference.
✽ 1 ±0.1 : D2E
Specifications
Marking
Dimensions (not to scale)
Nov. 2015
01


Similar Part No. - ETCF680ML

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC-1-1-10 MACOM-ETC-1-1-10 Datasheet
147Kb / 2P
E-Series RF 1:1 Transformer 1710 - 1910 MHz
ETC-1-1-10TR MACOM-ETC-1-1-10TR Datasheet
147Kb / 2P
E-Series RF 1:1 Transformer 1710 - 1910 MHz
logo
Inventronics Inc.
ETC-150S058DT INVENTRONICS-ETC-150S058DT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
ETC-150S058ST INVENTRONICS-ETC-150S058ST Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
ETC-150S070DT INVENTRONICS-ETC-150S070DT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
More results

Similar Description - ETCF680ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
16TDC33MYFB PANASONIC-16TDC33MYFB Datasheet
468Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
Conductive Polymer Tantalum Solid Capacitors
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2TPE330MFB PANASONIC-2TPE330MFB_V01 Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
TPE PANASONIC-TPE Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
TLE PANASONIC-TLE Datasheet
805Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
09-Jul-21
073020 PANASONIC-073020 Datasheet
501Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com