Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVFK2A331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVFK2A331M
Description  Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK2A331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVFK2A331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
A±0.2
W
( ) Reference size
L
+
–
0.3 max.
Pressure Relief (
010 and larger)
22
FK
j
Capacitance (µF)
Rated Voltage code
Series identification
Mark for Lead-Free
products
(Black dot)
Lot number
Negative polarity
marking (–)
3300
FK
j
Capacitance (µF)
Rated Voltage code
Series identification
Lot number
Negative polarity
marking (–)
Frequency correction factor for ripple current
● Endurance : 105 °C 2000 h to 5000 h
● Low impedance (40 % to 60 % less than FC series)
Miniaturized (30 % to 50 % less than FC series)
● Vibration-proof product is available upon request. (08 mm and larger)
● RoHS compliant
Features
Specifications
(Unit : mm)
Surface Mount Type
Series : FK Type : V
Category temperature range
–55 °C to +105 °C
Rated voltage range
6.3 V.DC to 100 V.DC
Capacitance range
3.3 µF to 6800 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
Dissipation factor (tan
d)
Please see the attached characteristics list
Characteristics
at low temperature
V.DC
6.3
10
16
25
35
50
63
80
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
222222222
Z(–40 °C)/Z(+20 °C)
333333333
Z(–55 °C)/Z(+20 °C)
444333333
Endurance
After applying rated working voltage for 2000 hours at +105 °C±2 °C and then being stabilized at +20 °C,
Capacitors shall meet the following limits. (
> 012.5 and suffix “G” in 08×10.2, 010×10.2 are 5000 hours)
Capacitance change
Within ±30 % of the initial value (Suffix “G” is 35 %)
tan
d
< 200 % of the initial limit (Suffix “G” is 300 %)
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current
Within the initial limit
AEC-Q200
AEC-Q200 compliant
Example : 6.3 V.DC 22 µF, 6.3 V.DC 3300 µF
Marking color : BLACK
< 010
> 012.5
Size
code 0
D
LA,B
H
I
W
P
K
B
4.0
5.8±0.3
4.3
5.5 max. 1.8
0.65±0.1
1.0
0.35 - 0.2
C
5.0
5.8±0.3
5.3
6.5 max. 2.2
0.65±0.1
1.5
0.35 - 0.2
D
6.3
5.8±0.3
6.6
7.8 max. 2.6
0.65±0.1
1.8
0.35 - 0.2
D8
6.3
7.7±0.3
6.6
7.8 max. 2.6
0.65±0.1
1.8
0.35 - 0.2
E
8.0
6.2±0.3
8.3
9.5 max. 3.4
0.65±0.1
2.2
0.35 - 0.2
F
8.0 10.2±0.3
8.3 10.0 max. 3.4
0.90±0.2
3.1
0.70±0.2
G
10.0 10.2±0.3 10.3 12.0 max. 3.5
0.90±0.2
4.6
0.70±0.2
H13 12.5 13.5±0.5 13.5 15.0 max. 4.7
0.90±0.3
4.4
0.70±0.3
J16 16.0 16.5±0.5 17.0 19.0 max. 5.5
1.20±0.3
6.7
0.70±0.3
K16 18.0 16.5±0.5 19.0 21.0 max. 6.7
1.20±0.3
6.7
0.70±0.3
+1.5
+1.5
+1.5
+1.5
+1.5
Frequency (Hz)
50, 60
120
1 k
10 k
100 k to
Correction factor
0.70
0.75
0.90
0.95
1.00
Dimensions
Marking
R. Voltage
(V.DC)
6.3 10 16 25 35 50 63 80 100
Code
j
ACE VH J
K 2A
Mar. 2016
02


Similar Part No. - EEVFK2A331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
117Kb / 6P
ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
295Kb / 7P
Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
EEVFK2A331M PANASONIC-EEVFK2A331M Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEVFK2A331M

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com