Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVFK2A331M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVFK2A331M
Description  Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK2A331M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVFK2A331M Datasheet HTML 1Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 2Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 3Page - Panasonic Semiconductor EEVFK2A331M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 105 °C 2000 h (
> 012.5 : 5000 h)
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
✽
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
22
4
5.8
B
90
1.35
0.26
EEEFK0J220R
(1)
2000
47
45.8
(B)
90
1.35
0.26
EEEFK0J470UR
(1)
2000
5
5.8
C
160
0.70
0.26
EEEFK0J470R
(1)
1000
100
5
5.8
(C)
160
0.70
0.26
EEEFK0J101UR
(1)
1000
6.3
5.8
D
240
0.36
0.26
EEEFK0J101P
(1)
1000
220
6.3
5.8
D
240
0.36
0.26
EEEFK0J221P
(1)
1000
330
6.3
7.7
D8
280
0.34
0.26
EEEFK0J331XP
(1)
900
8
6.2
E
300
0.26
0.26
EEEFK0J331P
(2)
1000
470
8
10.2
F
600
0.16
0.26
EEEFK0J471P
(2)
500
1000
8
10.2
F
600
0.16
0.26
EEEFK0J102P
(2)
500
1500
10
10.2
G
850
0.08
0.26
EEEFK0J152P
(2)
500
3300
12.5
13.5
H13
1100
0.06
0.30
EEVFK0J332Q
(3)
200
6800
16
16.5
J16
1800
0.035
0.36
EEVFK0J682M
(3)
125
10
22
4
5.8
B
90
1.35
0.19
EEEFK1A220R
(1)
2000
33
45.8
(B)
90
1.35
0.19
EEEFK1A330UR
(1)
2000
5
5.8
C
160
0.70
0.19
EEEFK1A330R
(1)
1000
150
6.3
5.8
D
240
0.36
0.19
EEEFK1A151P
(1)
1000
220
6.3
7.7
D8
280
0.34
0.19
EEEFK1A221XP
(1)
900
8
6.2
E
300
0.26
0.19
EEEFK1A221P
(2)
1000
330
8
10.2
F
600
0.16
0.19
EEEFK1A331P
(2)
500
470
8
10.2
F
600
0.16
0.19
EEEFK1A471P
(2)
500
680
8
10.2
F
600
0.16
0.19
EEEFK1A681P
(2)
500
1000
10
10.2
G
850
0.08
0.19
EEEFK1A102P
(2)
500
2200
12.5
13.5
H13
1100
0.06
0.21
EEVFK1A222Q
(3)
200
4700
16
16.5
J16
1800
0.035
0.25
EEVFK1A472M
(3)
125
6800
18
16.5
K16
2060
0.033
0.29
EEVFK1A682M
(3)
125
16
10
4
5.8
B
90
1.35
0.16
EEEFK1C100R
(1)
2000
22
45.8
(B)
90
1.35
0.16
EEEFK1C220UR
(1)
2000
5
5.8
C
160
0.70
0.16
EEEFK1C220R
(1)
1000
47
5
5.8
(C)
160
0.70
0.16
EEEFK1C470UR
(1)
1000
6.3
5.8
D
240
0.36
0.16
EEEFK1C470P
(1)
1000
68
6.3
5.8
D
240
0.36
0.16
EEEFK1C680P
(1)
1000
100
6.3
5.8
D
240
0.36
0.16
EEEFK1C101P
(1)
1000
150
6.3
7.7
D8
280
0.34
0.16
EEEFK1C151XP
(1)
900
220
6.3
7.7
D8
280
0.34
0.16
EEEFK1C221XP
(1)
900
8
6.2
E
300
0.26
0.16
EEEFK1C221P
(2)
1000
330
8
10.2
F
600
0.16
0.16
EEEFK1C331P
(2)
500
470
8
10.2
F
600
0.16
0.16
EEEFK1C471P
(2)
500
680
10
10.2
G
850
0.08
0.16
EEEFK1C681P
(2)
500
1500
12.5
13.5
H13
1100
0.06
0.16
EEVFK1C152Q
(3)
200
3300
16
16.5
J16
1800
0.035
0.20
EEVFK1C332M
(3)
125
4700
18
16.5
K16
2060
0.033
0.22
EEVFK1C472M
(3)
125
25
10
4
5.8
B
90
1.35
0.14
EEEFK1E100R
(1)
2000
22
5
5.8
C
160
0.70
0.14
EEEFK1E220R
(1)
1000
33
5
5.8
(C)
160
0.70
0.14
EEEFK1E330UR
(1)
1000
6.3
5.8
D
240
0.36
0.14
EEEFK1E330P
(1)
1000
47
6.3
5.8
D
240
0.36
0.14
EEEFK1E470P
(1)
1000
68
6.3
5.8
D
240
0.36
0.14
EEEFK1E680P
(1)
1000
100
6.3
7.7
D8
280
0.34
0.14
EEEFK1E101XP
(1)
900
8
6.2
E
300
0.26
0.14
EEEFK1E101P
(2)
1000
150
8
10.2
F
600
0.16
0.14
EEEFK1E151P
(2)
500
220
8
10.2
F
600
0.16
0.14
EEEFK1E221P
(2)
500
330
8
10.2
F
600
0.16
0.14
EEEFK1E331P
(2)
500
470
10
10.2
G
850
0.08
0.14
EEEFK1E471P
(2)
500
1000
12.5
13.5
H13
1100
0.06
0.14
EEVFK1E102Q
(3)
200
1500
16
16.5
J16
1800
0.035
0.14
EEVFK1E152M
(3)
125
2200
16
16.5
J16
1800
0.035
0.16
EEVFK1E222M
(3)
125
3300
18
16.5
K16
2060
0.033
0.18
EEVFK1E332M
(3)
125
✽ Size code( ) : Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Characteristics list
Mar. 2016
02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com