Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP Datasheet(PDF) 1 Page - Bi technologies

Part # DSP
Description  Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

DSP Datasheet(HTML) 1 Page - Bi technologies

  DSP Datasheet HTML 1Page - Bi technologies DSP Datasheet HTML 2Page - Bi technologies DSP Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
2-9
Model B, D & E Series
ELECTRICAL
B / BSP
D / DSP
E / ESP
ENVIRONMENTAL (MIL-R-12934)
B / BSP
D / DSP
E / ESP
Resistance Range, Ohms
Standard Resistance Tolerance
Minimum Practical Resistance Tolerance
Independent Linearity
Input Voltage, Maximum (Not to Exceed Power Rating)
Power Rating, Watts (Derating to 0 at 85°C)
Dielectric Strength
Insulation Resistance, Minimum
Actual Electrical Travel, Nominal
End Voltage, Maximum
Temperature Cycling, -65° to +85°C
Low Temperature Exposure, 24 hrs. at -65°C
Minimum Practical Independent Linearity:
<100 Ohms
100 Ohms to 999 Ohms
≥1K Ohms
Noise:
500 Ohms, Maximum, RT =
250 Ohms, Maximum, RT =
Tap Tolerance:
±1.5°, RT =
±1.0°, RT =
Temperature Coefficient: 800ppm/°C, RT =
20ppm/°C, RT =
130ppm/°C, RT =
40 to 2 Meg
60 to 3.3 Meg
125 to 5.3 Meg
±5%
±5%
±5%
±1%
±1%
±1%
±0.50%
±0.50%
±0.50%
1,000Vdc
1,000Vdc
1,000Vdc
10 at 40°C
15 at 40°C
20 at 40°C
1,000V rms
1,000V rms
1,000V rms
100 Megohms
100 Megohms
100 Megohms
5,400° +4° -0°
9,000° +4° -0°
14,400° +4° -0°
<0.50% of Input Voltage <0.50% of Input Voltage
<0.50% of Input Voltage
±0.10%
±0.05%
±0.05%
±0.05%
±0.05%
±0.05%
±0.035%
±0.035%
±0.035%
≤8K
≤13K
≤30K
>8K
>13K
>30K
<70 Ohms
<100 Ohms
<150 Ohms
≥70 Ohms
≥100 Ohms
≥150 Ohms
40 Ohms to 265 Ohms
60 Ohms to 440 Ohms
125 Ohms to 700 Ohms
300 Ohms to 8K, >142K
500 Ohms to 13.5K, >230K 800 Ohms to 30K, >340K
8.6K to 128K
14K to 213K
34K to 340K
MODELS B, D & E
3-5/16” Diameter
Multiturn
Wirewound
Precision Potentiometer
5%
∆R
5%
∆R
5%
∆R
5%
∆R
5%
∆R
5%
∆R
15 TURN
25 TURN
40 TURN
15 TURN
25 TURN
40 TURN
Specifications subject to change without notice.


Similar Part No. - DSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DSP PANASONICBATTERY-DSP Datasheet
107Kb / 6P
DSP RELAYS
logo
List of Unclassifed Man...
DSP-10 ETC1-DSP-10 Datasheet
150Kb / 2P
Vehicle Detector
logo
Mitsubishi Electric Sem...
DSP-102M MITSUBISHI-DSP-102M Datasheet
259Kb / 11P
DIA SURGE SUPPRESSOR (DSS)
logo
Rhombus Industries Inc.
DSP-1348M RHOMBUS-IND-DSP-1348M Datasheet
24Kb / 1P
TTLPWG Series FAST / TTL Pulse Width Generator Modules
logo
Mitsubishi Electric Sem...
DSP-152M MITSUBISHI-DSP-152M Datasheet
259Kb / 11P
DIA SURGE SUPPRESSOR (DSS)
More results

Similar Description - DSP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
Precision Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com