Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP Datasheet(PDF) 3 Page - Bi technologies

Part # DSP
Description  Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

DSP Datasheet(HTML) 3 Page - Bi technologies

  DSP Datasheet HTML 1Page - Bi technologies DSP Datasheet HTML 2Page - Bi technologies DSP Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
2-11
Model B, D & E Series
OUTLINE DIMENSIONS (Inch/mm)
OUTLINE DIMENSIONS (Inch/mm)
1.000
±.031
25.40
±0.79
Slider
CCW
CW
.500
±.016
12.7
±0.41
E
D
B
"L"
+.000
-.010
+0.00
-0.25
.062
1.58
1/2 - 32 NS Thread
Chamfer
.016
0.41
Max. x 45
°
1.500
±.031
38.10
±0.79
Mounting Surface
+.0000
-.0003
+0.0000
-0.0076
.2497
6.3424
+0.0000
-0.0020
+0.0000
-0.0508
.5937
15.0800
Dia.
Dia.
31
°± 2°
1.875
±.031
47.63
±0.79
R.
3.312
±.016
84.13
±0.41
Dia.
.531
±.016
13.49
±0.41
Locating Hole
.129
±.005
.062
±.016
3.28
±0.13
1.58
±0.41
Positioned as shown
±5°
Dia. x
Deep
2.031
±.031
51.59
±0.79
R.
2.875
±.031
73.03
±0.79
4.141
±.047
105.2
±1.19
6.016
±.047
152.8
±1.19
B
D
E
Model
Dim. "L"
2.031
±.031
51.59
±0.79
R.
1.875
±.031
47.63
±0.79
R.
+.000
-.001
+0.00
-0.03
3.312
84.13
Dia.
Dia.
3.500
±.005
88.900
±0.13
30
° ± 2°
.563
14.3
Max.
Slider
CCW
1.000
±.031
25.40
±0.79
Mounting Surface
3.312
±.016
84.13
±0.41
Dia.
ESP
DSP
BSP
.093
±.005
2.36
±0.13
CW
"L"
.062
±.005
1.58
±0.13
+.0000
-.0003
+0.0000
-0.0076
.2497
6.3424
Dia.
Chamfer
.016
0.41
Max. x 45
°
ESP
DSP
BSP
2.828
±.031
71.83
±0.79
4.062
103.2
5.937
150.8
Max.
Max.
Model
Dim. "L"
Models B, D & E
Bushing Mount with Sleeve Bearing
Models BSP, DSP & ESP
Servo Mount with Ball Bearing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com