Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2985 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2985 Datasheet HTML 1Page - Semtech Corporation GS2985 Datasheet HTML 2Page - Semtech Corporation GS2985 Datasheet HTML 3Page - Semtech Corporation GS2985 Datasheet HTML 4Page - Semtech Corporation GS2985 Datasheet HTML 5Page - Semtech Corporation GS2985 Datasheet HTML 6Page - Semtech Corporation GS2985 Datasheet HTML 7Page - Semtech Corporation GS2985 Datasheet HTML 8Page - Semtech Corporation GS2985 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
2 of 45
Proprietary & Confidential
GS2985 Functional Block Diagram
Revision History
Buffer
Control
VCO
Retimer
SPI
LDO
LDO
XTAL-
CP_CAP
DDI0
DDI0
DDI1
DDI1
DDI2
DDI2
DDI3
DDI3
DDI_SEL[1:0]
LOS
DDO0
DE0_EN
DDO1/RCO
DE1_EN
Equalizer/
Data Mux
XTAL
OSC
Phase
Frequency
Detector
Phase
Detector
Selectable
Divide
LOS
Detect
Charge
Pump
Selectable
Divide
Data
Buffer
Clock/
Data
Buffer
AUTO/MAN
SD/HD
DATA/CLOCK
DATA_MUTE
DDO1_DISABLE
DDO0
DDO1/RCO
1.8V
XTAL+
AUTOBYPASS
VDD_1p8
LOCKED
SS[1:0]
BYPASS
KBB
LF+
XTAL_BUF_OUT
Version
ECR
PCN
Date
Changes and/or Modifications
5
158296
–
July 2012
Removed jumper from Figure 5-1:
GS2985 Typical Application Circuit.
4
158127
–
May 2012
Corrected 4.15.3 section to make it
easier to follow and changed to
Semtech Template.
3
158063
–
May 2012
Corrected DRIVER_1 [7:5] Function
Description in Table 4-12: Host Register
Map
2
153705
–
March 2010
Converted to Data Sheet. Updated
Power numbers in Table 2-1: DC
Electrical Characteristics. Added Table
4-5: Suggested LOS Threshold Settings.
1
152592
–
September
2009
Updates to Section 4.15 Host Interface.
0
152329
–
July 2009
Converted document to Preliminary
Data Sheet.
D
152240
–
July 2009
Added Figure 4-2: De-emphasis
Waveform.
C
152042
–
June 2009
Removed ‘Proprietary & Confidential”
from document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com