Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2985 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 24Page - Semtech Corporation GS2985 Datasheet HTML 25Page - Semtech Corporation GS2985 Datasheet HTML 26Page - Semtech Corporation GS2985 Datasheet HTML 27Page - Semtech Corporation GS2985 Datasheet HTML 28Page - Semtech Corporation GS2985 Datasheet HTML 29Page - Semtech Corporation GS2985 Datasheet HTML 30Page - Semtech Corporation GS2985 Datasheet HTML 31Page - Semtech Corporation GS2985 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
28 of 45
Proprietary & Confidential
This is done by setting the RST bit low in the command word. This will guarantee the CSR
will not start up in a random state.
A simple way to issue the required reset of the CSR is to hold the slave device’s SDI input
LOW for an entire 64 cycle WRITE communication. Details of the WRITE operation are
found in section 4.15.6 below.
4.15.4 Clock & Data Timing
The SPI signals are Serial Data Input (SDI), Serial Data Output (SDO), Active Low Chip
Select (CS), and Serial Clock Input (SCK). The host interface operates in SPI Mode 0, i.e.
the SDI input will latch data in on the rising edge of SCK. The SDO data output will
transition on falling edges of SCK. Data is transmitted or received on the SPI port MSB
first LSB last.
Figure 4-4: Data Clock Alignment
4.15.5 Single Device Operation
For applications with a single device or applications with multiple devices where daisy
chaining is not desired, the chain position bits C[6:0] should always be set to 0. As a
by-product of the daisy chaining feature, Read and Write operations experience a 32
SCK cycle latency from SDI to SDO. For more details on daisy-chaining, refer to
Section 4.15.8 on page 32.
Figure 4-5: 16-bit Command Format
SCK
CS
Cycle #
1
2
3
4
5
6
7
8
SDO
1
2
3
4
5
6
7
8
z
z
1
2
3
4
5
6
7
8
z
z
SDI
rw
A[4:0]
RST
0
0
Read/
Write
Reset
Address
C N[6:0] = `0000000’
Chain Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com