Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC2G08
Description  DUAL 2-INPUT AND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G08 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC2G08 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74LVC2G08
Document number: DS37928 Rev 1 - 2
5 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G08
Operating Characteristics
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power Dissipation
Capacitance
f = 10MHz
17
17
17
20
pF
Package Characteristics
Symbol
Parameter
Package
Test Conditions
Min
Typ.
Max
Unit
θJA
Thermal Resistance Junction-
to-Ambient
X2-DFN2010-8
(Note 10)
—
313
—
°C/W
X2-DFN1410-8
—
321
—
X2-DFN1210-8
—
395
—
θJC
Thermal Resistance Junction-
to-Case
X2-DFN2010-8
(Note 10)
—
145
—
°C/W
X2-DFN1410-8
—
166
—
X2-DFN1210-8
—
236
—
Note:
10. Test condition for each package type: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Switching Characteristics
Typical Values at TA = +25°C and nominal voltages 1.8V, 2.5V, 2.7V, 3.3V, and 5.0V. See Figure 1.
Parameter
From
Input
To
Output
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
tpd
A or B
Y
1.8V ± 0.15V
1.0
3.2
9.0
1.0
11.3
ns
2.5V ± 0.2V
0.5
2.2
5.1
0.5
6.4
2.7V
1.0
2.5
5.3
1.0
6.7
3.3V ± 0.3V
0.5
2.1
4.7
0.5
5.9
5.0V ± 0.5V
0.5
1.7
3.8
0.5
4.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com