Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC2G08
Description  DUAL 2-INPUT AND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G08 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC2G08 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74LVC2G08
Document number: DS37928 Rev 1 - 2
2 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G08
Ordering Information (Note 4)
74LVC2G
08
XXX
-7
Logic Device
Function
Package
Packing
74 : Logic Prefix
08 :
2-Input
HD4 : X2-DFN2010-8
-
7 : 7” Tape & Reel
LVC : 1.65V to 5.5V
AND Gate
HK3 : X2-DFN1410-8
Logic Family
RA3 : X2-DFN1210-8
2G : Dual Gate
Device
Package
Code
Package
(Note 5)
Package
Size
7” Tape and Reel (Note 6)
Quantity
Part Number
Suffix
74LVC2G08HD4-7
HD4
X2-DFN2010-8
1.95mm x 1.0mm x 0.4mm
0.5 mm lead pitch
5,000/Tape & Reel
-7
74LVC2G08HK3-7
HK3
X2-DFN1410-8
1.35mm x 1.0mm x 0.35mm
0.4 mm lead pitch
5,000/Tape & Reel
-7
74LVC2G08RA3-7
RA3
X2-DFN1210-8
1.2mm x 1.0mm x 0.35mm
0.3 mm lead pitch
5,000/Tape & Reel
-7
Notes:
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
5. Pad layout as shown in Diodes Inc
orporated’s package outline PDFs, which can be found on our website at http://www.diodes.com/package-
outlines.html.
6. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf.
Pin Descriptions
Pin Name
Pin No.
Description
1A
1
Data Input
1B
2
Data Input
2Y
3
Data Output
GND
4
Ground
2A
5
Data Input
2B
6
Data Input
1Y
7
Data Output
VCC
8
Supply Voltage
Logic Diagram
1
1A
2
7
1Y
1B
5
2A
6
3
2Y
2B
Function Table
Inputs
Output
A
B
Y
L
L
L
L
H
L
H
L
L
H
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com