Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3050 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL3050 Datasheet HTML 7Page - Diodes Incorporated AL3050 Datasheet HTML 8Page - Diodes Incorporated AL3050 Datasheet HTML 9Page - Diodes Incorporated AL3050 Datasheet HTML 10Page - Diodes Incorporated AL3050 Datasheet HTML 11Page - Diodes Incorporated AL3050 Datasheet HTML 12Page - Diodes Incorporated AL3050 Datasheet HTML 13Page - Diodes Incorporated AL3050 Datasheet HTML 14Page - Diodes Incorporated AL3050 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
11 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Application information (Cont.)
-
FB Voltage (mV)
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
1
5
0
0
0
0
1
2
8
0
0
0
1
0
3
11
0
0
0
1
1
4
14
0
0
1
0
0
5
17
0
0
1
0
1
6
20
0
0
1
1
0
7
23
0
0
1
1
1
8
26
0
1
0
0
0
9
29
0
1
0
0
1
10
32
0
1
0
1
0
11
35
0
1
0
1
1
12
38
0
1
1
0
0
13
44
0
1
1
0
1
14
50
0
1
1
1
0
15
56
0
1
1
1
1
16
62
1
0
0
0
0
17
68
1
0
0
0
1
18
74
1
0
0
1
0
19
80
1
0
0
1
1
20
86
1
0
1
0
0
21
92
1
0
1
0
1
22
98
1
0
1
1
0
23
104
1
0
1
1
1
24
116
1
1
0
0
0
25
128
1
1
0
0
1
26
140
1
1
0
1
0
27
152
1
1
0
1
1
28
164
1
1
1
0
0
29
176
1
1
1
0
1
30
188
1
1
1
1
0
31
200
1
1
1
1
1
Table 1. 32-Step Digital Dimming Setting
The digital dimming interface is based on a master-slave structure, where the master is typically a microcontroller or application processor. Figure
3 and Table 2 give an overview of the protocol. The protocol consists of a device specific address byte and a data byte. The device specific
address byte is fixed to 58 hex. The data byte consists of five bits for information, two address bits ("00"), and the RFA bit. The RFA bit set to high
indicates the Request for Acknowledge condition. The Acknowledge condition is only applied if the protocol was received correctly. The advantage
of single wire digital dimming compared with other on pin interfaces is that its bit detection is in a large extent independent from the bit
transmission rate. It can automatically detect bit rates between 1.1kBit/sec and up to 100kBit/sec.
DA6
1
DA7
0
DA5
1
DA4
1
DA3
0
Start
0
1
DA2 DA1
0
DA0 EOS
A1
RFA
A0
D4
D3
Start
D2
D1
D0
EOS
DATA IN
DATA OUT
ACK
DATABYTE
Device Address
Figure 3. Single Wire Digital Protocol Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com