Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3050 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL3050 Datasheet HTML 8Page - Diodes Incorporated AL3050 Datasheet HTML 9Page - Diodes Incorporated AL3050 Datasheet HTML 10Page - Diodes Incorporated AL3050 Datasheet HTML 11Page - Diodes Incorporated AL3050 Datasheet HTML 12Page - Diodes Incorporated AL3050 Datasheet HTML 13Page - Diodes Incorporated AL3050 Datasheet HTML 14Page - Diodes Incorporated AL3050 Datasheet HTML 15Page - Diodes Incorporated AL3050 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
13 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Application Information (Cont.)
If above conditions are met, after tVAL_ACKN (3.5μs) delay from the moment when the last falling edge of the protocol is detected, an internal
ACKN-MOSFET is turned on to pull the CTRL pin low for the time tACKN (900μs maximum), then the Acknowledge condition is valid. During the
tVAL_ACKN delay, the master controller keeps the line low; after the delay, it should release the line by outputting high impedance and then detect
the acknowledge condition. If it reads back a logic 0, it means the IC has received the command correctly. The CTRL pin can be used again by the
master when the acknowledge condition ends after tACKN time.
Note that the acknowledge condition may only be requested in case the master device has an open drain output. For a push-pull output stage, the
use a series resistor in the CRTL line to limit the current to 500μA is recommended to for such cases as:
• an accidentally requested acknowledge, or
• to protect the internal ACKN-MOSFET.
//
//
tSTART
Static High
DA7
0
Address Byte
DA0
0
tEOS
tSTART
RFA
0
DATA Byte
DO
1
tEOS
Static High
DATA IN
Figure 4. Single Wire Digital Dimming Timing, without Acknowledge RFA=0
//
//
tSTART
Static High
DA7
0
Address Byte
DA0
0
tEOS
tSTART
RFA
1
DATA Byte
DO
1
tvalACKN
DATA IN
DATA OUT
ACKN
tACKN
Static High
Acknowledge
true, Data line
pulled down by
device
Controller needs to
Pullup Data Line via a
resistor to detect ACKN
Acknowledge
false, no pull
down
Figure 5. Single Wire Digital Dimming Timing, with Acknowledge RFA=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com