Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3983R Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3983R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983R Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3983R Datasheet HTML 7Page - Diodes Incorporated AP3983R Datasheet HTML 8Page - Diodes Incorporated AP3983R Datasheet HTML 9Page - Diodes Incorporated AP3983R Datasheet HTML 10Page - Diodes Incorporated AP3983R Datasheet HTML 11Page - Diodes Incorporated AP3983R Datasheet HTML 12Page - Diodes Incorporated AP3983R Datasheet HTML 13Page - Diodes Incorporated AP3983R Datasheet HTML 14Page - Diodes Incorporated AP3983R Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP3983R
Document number: DS38247 Rev. 3 - 2
13 of 15
www.diodes.com
June 2016
© Diodes Incorporated
AP3983R
Ordering Information
AP3983R X X - X
Product Name
TR: Tape & Reel
G1:Green
Package
Packing
RoHS/Green
M:SO-7
Product
Package
Temperature
Range
Cable
Compensation
Voltage
Part Number
Marking ID
Packing
AP3983R
SO-7
-40 to +85
C
8%
AP3983RMTR-G1
3983RM-G1
4,000/Tape & Reel
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com