Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3983R Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3983R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983R Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3983R Datasheet HTML 1Page - Diodes Incorporated AP3983R Datasheet HTML 2Page - Diodes Incorporated AP3983R Datasheet HTML 3Page - Diodes Incorporated AP3983R Datasheet HTML 4Page - Diodes Incorporated AP3983R Datasheet HTML 5Page - Diodes Incorporated AP3983R Datasheet HTML 6Page - Diodes Incorporated AP3983R Datasheet HTML 7Page - Diodes Incorporated AP3983R Datasheet HTML 8Page - Diodes Incorporated AP3983R Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP3983R
Document number: DS38247 Rev. 3 - 2
2 of 15
www.diodes.com
June 2016
© Diodes Incorporated
AP3983R
Typical Applications Circuit
Figure 1 Typical Application Circuit of AP3983R
Pin Descriptions
Pin Number
Pin Name
Function
1
CPC
A capacitor about 50nF should be connected to this pin. The voltage of CPC pin is
linear to load of the system and it is used for the functions of cable voltage drop
compensation and audio noise suppression
2
FB
The CV and CC regulation are realized based on the voltage sampling of this pin
3
VCC
The VCC pin supplies the power for the IC. In order to get the correct operation of
the IC, a capacitor should be placed as close as possible to the VCC pin
4
CS
The CS is the current sense pin of the IC. The IC will turn off the power MOSFET
according to the voltage on the CS pin
5, 6
Drain
High Voltage of MOSFET
7
GND
The ground of the switcher
+
J1
AC 90-264V
D1~D4
C1
FR1
+
C2
D5
L1
T1
FB
D
Vcc
R8
CS
+
C4
U1
CPC
C5
3
5,6
4
2
1
R5
Np
Ns
Nfb
D6
C3
R4
Gnd
7
L2
R3
R1
R2
RS1
R7
R6
+
C6
APR3415B
R11
VCC
AREF
DRAIN
DRAIN
GND
GND
VDET
DRISR
R12
C7
R9
C8
R13
R10
CY1
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com