Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3100Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B3100Q
Description  3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3100Q Datasheet(HTML) 1 Page - Diodes Incorporated

  B3100Q Datasheet HTML 1Page - Diodes Incorporated B3100Q Datasheet HTML 2Page - Diodes Incorporated B3100Q Datasheet HTML 3Page - Diodes Incorporated B3100Q Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B370Q - B3100Q
Document number: DS38667 Rev. 1 - 2
1 of 4
www.diodes.com
March 2016
© Diodes Incorporated
B370Q - B3100Q
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Product Summary
B370Q/B380Q/B390Q/B3100Q
VRRM (V)
IO (A)
VF max (V)
IR max (mA)
70/80/90/100
3.0
0.79
0.5
Description and Applications
This Schottky Barrier Rectifier has been designed to meet the general
requirements of commercial applications. It is ideally suited for use
as:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
Features and Benefits
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Surge Overload Rating to 100A Peak
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SMC
Case Material: Molded Plastic,
“Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.21 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
B370Q-13-F
Automotive
SMC
3000/Tape & Reel
B380Q-13-F
Automotive
SMC
3000/Tape & Reel
B390Q-13-F
Automotive
SMC
3000/Tape & Reel
B3100Q-13-F
Automotive
SMC
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
Green
B3X0 = Product Type Marking Code, ex: B380 (SMC Package)
B3XX0 = Product Type Marking Code, ex: B3100 (SMC Package)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 5 for 2015)
WW = Week Code (01 to 53)
B3X(X)0
YWW


Similar Part No. - B3100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B3100 DIODES-B3100 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B3100 WEITRON-B3100 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B3100 WEITRON-B3100 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B3100 DIODES-B3100 Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
logo
Compact Technology Corp...
B3100 CTC-B3100 Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B3100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
SB320 DIODES-SB320 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
B370 DIODES-B370_1 Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B370 DIODES-B370_10 Datasheet
98Kb / 4P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 13 - 2
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B370-13 DIODES-B370-13 Datasheet
114Kb / 4P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 14
B370 DIODES-B370_15 Datasheet
114Kb / 4P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com