Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3100Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B3100Q
Description  3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3100Q Datasheet(HTML) 2 Page - Diodes Incorporated

  B3100Q Datasheet HTML 1Page - Diodes Incorporated B3100Q Datasheet HTML 2Page - Diodes Incorporated B3100Q Datasheet HTML 3Page - Diodes Incorporated B3100Q Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B370Q - B3100Q
Document number: DS38667 Rev. 1 - 2
2 of 4
www.diodes.com
March 2016
© Diodes Incorporated
B370Q - B3100Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
B370Q
B380Q
B390Q
B3100Q
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current @ TT = +90C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-wave Superimposed on Rated Load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Terminal
RJT
10
C/W
Operating Temperature Range
TJ
-55 to +125
C
Storage Temperature Range
TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
-
-
0.79
0.69
V
IF = 3.0A, TA = +25C
IF = 3.0A, TA = +100C
Leakage Current (Note 6)
IR
-
-
-
-
0.5
20
mA
@ Rated VR, TA = +25C
@ Rated VR, TA = +100C
Total Capacitance
CT
-
-
100
pF
VR = 4V, f = 1MHz
Note:
6. Short duration pulse test used to minimize self-heating effect.
10
100
1,000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 2 Total Capacitance vs. Reverse Voltage
R
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(
A
)
F
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
T = 25°C
I Pulse Width = 300µs
J
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com