Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-MODEM-2WW Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # VT-MODEM-2WW
Description  Rugged Industrial Telephone Modems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

VT-MODEM-2WW Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  VT-MODEM-2WW Datasheet HTML 1Page - Red Lion Controls. Inc VT-MODEM-2WW Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VT-Modems
Sixnet Networking Series
Rugged Industrial Telephone Modems
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
RUGGED INDUSTRIAL TELEPHONE MODEMS
VT-MODEM-xWW
PRODUCT DATASHEET
SIXNET Industrial Telephone Modems eliminate the difficulties
encountered with installing office-grade modems in industrial
settings. These ruggedized modems connect to any PLC,
RTU or other industrial equipment and provide the important
features you have been looking for.
PRODUCT HIGHLIGHTS
n
Rated for -30° to +70°C operation
n
Proven in the toughest settings from pipelines In Alberta
to remote locations in Sweden
n
DIN Rail or flat panel mounting
n
DC powered - No more bulky AC adapters
n
Supports all PLCs, RTUs and other devices
n
Compliant with telephone systems world-wide
SELECT THE MODEL BEST FOR YOU
n
VT-MODEM-1 - workhorse for general industrial
applications. It supports baud rates up 33.6K (V.34)
n
VT-MODEM-2 - can automatically dial out on a contact
closure from any PLC or other device
n
VT-MODEM-3 - has a RS422/485 port in addition to the
RS232 port. It also accepts power up to 52 VDC
n
VT-MODEM-4 - supports 2-wire leased-line connections
up to 33.6K
n
VT-MODEM-5 - provides advanced features such as
call-back security and remote configuration
SELECTION GUIDE
Functionality
-1
-2
-3
-4
-5
Dial-up and auto-answer
P
P
P
P
P
Auto-dial on PLC ouput
-
P
-
-
-
RS422/RS485 interface
-
-
P
-
-
Extended power input
(up to 52 VDC)
-
-
P
-
-
Leased-line* (2-wire only)
-
-
-
P
-
Speeds up to 56K
(V.90 & V.92)
-
-
-
-
P
Remote configuration
-
-
-
-
P
Call-back security
-
-
-
-
P
* The VT-MODEM-4 is intended for use in pairs and may not be compatible
with other brands of leased-line modems.
VT-MODEM -1, -4 & -5
VT-MODEM -2
VT-MODEM -3


Similar Part No. - VT-MODEM-2WW

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
VT-MIPM-131-D REDLION-VT-MIPM-131-D Datasheet
738Kb / 2P
Industrial RTU
VT-MIPM-135-D REDLION-VT-MIPM-135-D Datasheet
738Kb / 2P
Industrial RTU
VT-MIPM-241-D REDLION-VT-MIPM-241-D Datasheet
738Kb / 2P
Industrial RTU
VT-MIPM-245-D REDLION-VT-MIPM-245-D Datasheet
738Kb / 2P
Industrial RTU
More results

Similar Description - VT-MODEM-2WW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP592G TOSHIBA-TLP592G Datasheet
133Kb / 6P
Telecommunications PBX Modems
logo
Purdy Electronics Corpo...
OPTO-232C PURDY-OPTO-232C Datasheet
579Kb / 1P
4 Channels Modems
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
switchable modems
logo
Advantech Co., Ltd.
MARS-3100R ADVANTECH-MARS-3100R Datasheet
847Kb / 2P
10.4 Fully Rugged Industrial Tablet PC
logo
National Instruments Co...
NI3100 NI-NI3100 Datasheet
719Kb / 5P
Rugged, high-performance, fanless, industrial controllers
logo
XP Power Limited
DNR XPPOWER-DNR Datasheet
182Kb / 4P
Rugged Design for Industrial Applications
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
Modems PBX Telecommunications
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
Telecommunications PBX Modems
logo
ISOCOM COMPONENTS
IS627 ISOCOM-IS627 Datasheet
76Kb / 3P
Modems
logo
Moxa Inc.
MD-215 MOXA-MD-215 Datasheet
856Kb / 4P
15-inch rugged industrial displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com