Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-MODEM-2WW Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # VT-MODEM-2WW
Description  Rugged Industrial Telephone Modems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

VT-MODEM-2WW Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  VT-MODEM-2WW Datasheet HTML 1Page - Red Lion Controls. Inc VT-MODEM-2WW Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VT-Modem Specifications
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
SIXNET Technology Park
331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
Datasheet VT-MODEM-xWW
Rev June 12, 2009
VT-MODEM-xWW
RUGGED INDUSTRIAL TELEPHONE MODEMS SPECIFICATIONS
All specifications are subject to change. Consult factory for latest info.
TELEPHONE LINE
n
Max. data rate 33.6 kbps for -1, -2, -3 & -4; 56 kbps for -5
n
Compatibility V.90, V.92 (-5 only); V.34, V.32 bis, V.32,
V.22; V.22A/B, V.23, V.21, Bell 212A and 103
n
Data compression V.44; V.42 bis, MNP 5
n
Error correction V.42 MNP 2-4
n
Max. fax rate 14.4 kbps for -1, -2, -3 & -4; 33.6 kbps for -5
n
Fax capabilities: V.17,V.29/V.27/V.21, FClass 1,1.0 (-1,-
2,-3) V.34,V.17,V.29/V.27/V.21,FClass 1,1.0, 2, 2.0/2.1
(-4 and -5 only)
n
Ringer & jacks 0.3 & RJ11 (line and auxiliary)
RS232 PORT
n
Max. RS232 rate 57.6kbps for -2 & -3; 115.2 kbps for -1
& -4; 230 kbps for -5
n
RS232 (DCE) TD, RD, CTS, RTS, CD, DTR, DSR, RI, GND
n
Command set standard AT and S register
n
Status LEDs CD, DTR, RD, TD, Power
PLC DISCRETE I/O INTERVACE (VT-MODEM-2 Only)
n
“Trigger” input starts auto-dialing when TRUE
n
Voltage range 9 to 30 VDC (6.5 mA at 24 VDC)
n
Max OFF voltage 5 VDC
n
“On-line” output is ON when connection exists
n
Output type sourcing — switches supply power
n
Output current 100 mA maximum
RS422 / RS485 PORT (VT-MODEM-3 Only)
n
RS422 mode supports 4 wire full duplex
n
RS485 modes 2 or 4 wire party-line operation
n
Signal rate up to 115.2 kbps
n
RS422/485 up to 0.5 miles
GENERAL CHARACTERISTICS
n
Input voltage 10-30 VDC for -1, -2, -4 & 5; 10-52 VDC for -3
n
Input current @ 24 VDC (typical)
p
50 mA (Sleep mode 30 mA): -1,-2,-3 (Rev.3)
p
75 mA (Sleep mode 50 mA): -4, -5
ENVIRONMENTAL
n
Operating Temp. -30° to 70°C (Storage: -40° to 85°C)
n
Humidity 5% to 95% RH (non-condensing)
n
Flammability UL 94V-0 materials
n
DIN rail or panel mount
n
Vibration IEC68-2-6
STANDARDS
n
Telecom Ratings: FCC part 68, Industry Canada CS03-8,
CTR21 (98/482/EC); ACA TS 001; ACA TS 002
n
Electrical Safety: UL 508, CSA C22.2/14; EN60950; AS/
NZS3260
n
EMI emissions: FCC part15, ICES-003, Class A; AS/
NZS3548; EN61000-6-4,
n
EMC immunity: EN61000-6-2,
n
Hazardous locations (Zone 2): UL1604, CSA C22.2/213
(Class I, Div 2); EN60079-15 (Zone2, Cat. 3), (ATEX)
MECHANICAL DRAWING
ORDERING GUIDE
VT-MODEM-1WW General purpose; dial-up 33.6K (V.34)
VT-MODEM-2WW PLC self-dialing and auto-answer
33.6K
VT-MODEM-3WW RS422 / RS485 port and 10-52 VDC
power
VT-MODEM-4WW Leased-lined (2-wire only)
VT-MODEM-5WW Advanced 56K (V.92 and V.90)
*Note: All modems include a RS232 modem cable (DB9) and complete
Windows software.
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0234 051016 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com