Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMPB Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # GMPB
Description  PROFIBUS Protocol Communication
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

GMPB Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  GMPB Datasheet HTML 1Page - Red Lion Controls. Inc GMPB Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Graphite™ Module: PROFIBUS® Protocol
Red Lion Automation Series
PROFIBUS Protocol Communication
PRODUCT HIGHLIGHTS
> Seamless PROFIBUS DP Network Integration
> Automatic Baud Rate Detection
> Support for Over 300 Machine Protocols
> All-in-One Solution
The GMPB plug-in module expands the
communication capabilities of our Graphite HMI
operator interface panels by seamlessly integrating
with PROFIBUS DP protocol networks.
Red Lion’s GMPB module provides easy integration of Graphite HMIs with
PROFIBUS Decentralized Periphery “DP” protocol networks, allowing translation
to more than 300 machine protocols. Configure the GMPB module using Red
Lion’s Crimson® software, which makes setup simple via an intuitive graphical user
interface with drag-and-drop functionality.
APPLICATIONS
> Factory Automation
> Manufacturing
> Oil & Gas
FEATURES & BENEFITS
> PROFIBUS DP Protocol Conversion
• Easily integrates Graphite units into PROFIBUS
DP protocol networks
• 9-pin serial connector for easy installation
• Automatic baud rate detection from 9.6 KBaud
to 12 MBaud
• Converts between PROFIBUS and more than
300 machine protocols
> All-in-One Solution
• Removes need for external devices and
communication gateways
• Cost-effectively saves space and time
> -40° to 75°C Operating Temperature
• Reliably works in harsh environments
> Powered from Graphite Host
• Simplifies deployment by eliminating external power
> Easily Programmed
• Seamless configuration using Red Lion’s Crimson
desktop software


Similar Part No. - GMPB

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
GMPBDP00* REDLION-GMPBDP00* Datasheet
1Mb / 4P
Graphic Operator Interface Panels with Modular I/O
logo
Wolfgang Knap
GMPBQBSB-WK WK-GMPBQBSB-WK Datasheet
38Kb / 1P
CRYSTAL-OSCILLATORS very low power
More results

Similar Description - GMPB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5073 ADVANTECH-APAX-5073 Datasheet
985Kb / 1P
PROFIBUS Communication Coupler
logo
ATMEL Corporation
AVR069 ATMEL-AVR069 Datasheet
327Kb / 24P
AVR069: AVRISP mkII Communication Protocol
logo
List of Unclassifed Man...
VW3A3607 ETC2-VW3A3607 Datasheet
97Kb / 1P
Profibus DP communication card
logo
Red Lion Controls. Inc
GMJ1939 REDLION-GMJ1939 Datasheet
385Kb / 2P
J1939 Protocol Communication
GMDN REDLION-GMDN Datasheet
473Kb / 2P
DeviceNet Protocol Communication
GMCAN REDLION-GMCAN Datasheet
385Kb / 2P
CAN Protocol Communication
logo
Prosoft-Technology
PS69-DPM PROSOFT-PS69-DPM Datasheet
314Kb / 3P
PROFIBUS DPV1 Master Communication Module
MVI56-PDPMV1 PROSOFT-MVI56-PDPMV1 Datasheet
303Kb / 3P
PROFIBUS DPV1 Master Communication Module
MVI56-S3964R PROSOFT-MVI56-S3964R Datasheet
219Kb / 2P
Siemens 3964R Protocol Communication Module
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
PROFIBUS DP Slave Communication Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com