Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMPB Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # GMPB
Description  PROFIBUS Protocol Communication
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

GMPB Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  GMPB Datasheet HTML 1Page - Red Lion Controls. Inc GMPB Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROFIBUS Protocol Communication Specifications
POWER
GMPB Max Power: 2.6 W (supplied by Graphite host device)
COMMUNICATION PROPERTIES
PROFIBUS Protocol Port: PROFIBUS DP per EN 50 170
Baud Rates: 9.6 KBaud to 12 MBaud - auto detection
Station Address: programmable range from 1 to 125
Isolation from Graphite Host 500 Vrms VDC for 1 minute
Output Power: +5 VDC @ 90 mA max. on the D-Sub
connector pins 5 (GND) and 6 (+5 V)
CERTIFICATIONS AND COMPLIANCES
Product Safety:
UL Safety - Class I, Division 2, Groups A, B, C, D , Class II,
Division 2, Groups F and G , Class III Hazardous Locations
CE Approved:
EN 61326-1 to Industrial Locations
IEC/EN 61010-1
RoHS Compliant
ENVIRONMENTAL
Operating Temperature Range: -40° to +75°C
Storage Temperature Range: -40° to +85°C
Operating and Storage Humidity: 85% max relative humidity,
non-condensing, from 0° to +50°C
Altitude: Up to 2000 meters
ORDERING GUIDE
PART NUMBER
DESCRIPTION
GMPBDP00
Graphite Module, PROFIBUS Protocol Interface
4.65
(118)
WD
DATA
STS
DP
2.57 (66)
1.25 (32)
DIMENSIONS In inches (mm)
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0399 040615 ©2015 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com